Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N7049-1 Datasheet (PDF) - Aeroflex Circuit Technology

1N7049-1 Datasheet PDF - Aeroflex Circuit Technology
Part # 1N7049-1
Download  1N7049-1 Download
File Size   517.39 Kbytes
Page   4 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description Current Regulator Diode Series 1N5283-1 thru 1N5314-1 & 1N7048-1 thru 1N7055-1

1N7049-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N7049-1 Datasheet PDF - Aeroflex Circuit Technology

Part # 1N7049-1
Download  1N7049-1 Click to download

File Size   517.39 Kbytes
Page   4 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description Current Regulator Diode Series 1N5283-1 thru 1N5314-1 & 1N7048-1 thru 1N7055-1

1N7049-1 Datasheet (HTML) - Aeroflex Circuit Technology


1N7049-1 Product details

Description
The popular 1N5283-1 thru 1N5314-1 and 1N7041-1 thru 1N7055-1 series of 0.5 watt current regulators provides a selection from 0.22 mA to 10 mA in standard 10% tolerances. These devices regulate current over a broad voltage range as a counter part offering to Zeners (that regulate voltage over a broad current range. The somewhat larger D0-7 packaging option offers a double-plug internal bond connection with a larger active die element for its unique function as a current limiter.

Features
• High source impedance.
• Internal metallurgical bond.
• JAN, JANTX, and JANTXV qualification per
   MIL-PRF-19500/463 available.

Applications
• Double-plug construction.
• Regulates current over a broad operating wltage and temperature range.
• Extensive selection from 0.22 mA to 10 mA.
• Standard current tolerances are plus/minus 10%.
• Flexible axial-lead mounting terminals.
• Nonsensitive to ESD.




Similar Part No. - 1N7049-1

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
1N7049-1 AEROFLEX-1N7049-1 Datasheet
517Kb / 4P
Current Regulator Diode Series
logo
M/A-COM Technology Solu...
1N7049-1 MA-COM-1N7049-1 Datasheet
726Kb / 5P
High Source Impedance
More results


Similar Description - 1N7049-1

ManufacturerPart #DatasheetDescription
logo
MMD Components
USAA1 MMD-USAA1 Datasheet
55Kb / 1P
UM-1 Thru-Hole Crystal
logo
Amphenol Corporation
04410310002 AMPHENOL-04410310002 Datasheet
203Kb / 1P
PLUG CONNECTOR MINIATURE 1 THRU 6 CONTACT
04410310003 AMPHENOL-04410310003 Datasheet
203Kb / 1P
PLUG CONNECTOR MINIATURE 1 THRU 6 CONTACT
04410310004 AMPHENOL-04410310004 Datasheet
203Kb / 1P
PLUG CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000102 AMPHENOL-0441041000102 Datasheet
209Kb / 1P
RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000202 AMPHENOL-0441041000202 Datasheet
209Kb / 1P
RECEPTACLE CONECTOR MINIATURE 1 THRU 6 CONTACT
0441041000302 AMPHENOL-0441041000302 Datasheet
209Kb / 1P
RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000402 AMPHENOL-0441041000402 Datasheet
209Kb / 1P
RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
logo
NTE Electronics
NTE142A NTE-NTE142A Datasheet
52Kb / 4P
NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
logo
List of Unclassifed Man...
0R ETC-0R Datasheet
135Kb / 2P
“0R” Series – 1/8" thru 3/4" Ports
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com