Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAJ45A Datasheet (PDF) - Diodes Incorporated

SMAJ45A Datasheet PDF - Diodes Incorporated
Part # SMAJ45A
Download  SMAJ45A Download
File Size   80.76 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMAJ45A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ45A Datasheet PDF - Diodes Incorporated

Part # SMAJ45A
Download  SMAJ45A Click to download

File Size   80.76 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMAJ45A Datasheet (HTML) - Diodes Incorporated


SMAJ45A Product details

Features
• 400W Peak Pulse Power Dissipation
• 5.0V - 170V Standoff Voltages
• Glass Passivated Die Construction
• Uni- and Bi-Directional Versions Available
• Excellent Clamping Capability
• Fast Response Time
• Plastic Material: UL Flammability Classification Rating 94V-0




Similar Part No. - SMAJ45A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ45A JGD-SMAJ45A Datasheet
313Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMAJ45A EIC-SMAJ45A Datasheet
28Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SMAJ45A ETC-SMAJ45A Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
SMAJ45A DIODES-SMAJ45A Datasheet
79Kb / 4P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
logo
Littelfuse
SMAJ45A LITTELFUSE-SMAJ45A Datasheet
174Kb / 4P
Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
More results


Similar Description - SMAJ45A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 16
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 15
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 16
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 2
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com