Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCR604SE Datasheet (PDF) - Dynex Semiconductor

DCR604SE Datasheet PDF - Dynex Semiconductor
Part # DCR604SE
Download  DCR604SE Download
File Size   109.51 Kbytes
Page   8 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Phase Control Thyristor

DCR604SE Datasheet (PDF)

Go To PDF Page Download Datasheet
DCR604SE Datasheet PDF - Dynex Semiconductor

Part # DCR604SE
Download  DCR604SE Click to download

File Size   109.51 Kbytes
Page   8 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Phase Control Thyristor

DCR604SE Datasheet (HTML) - Dynex Semiconductor


DCR604SE Product details

KEY PARAMETERS
VDRM 2100V
IT(AV) 706A
ITSM 8100A
dVdt* 1000V/µs
dI/dt 700A/µs

FEATURES
■ Double Side Cooling
■ High Surge Capability
■ High Mean Current
■ Fatigue Free

APPLICATIONS
■ High Power Drives
■ High Voltage Power Supplies
■ DC Motor Control




Similar Part No. - DCR604SE

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
DCR604SE IRI-DCR604SE Datasheet
517Kb / 6P
PHASE CONTROL THYRISTOR
DCR604SE1414 IRI-DCR604SE1414 Datasheet
517Kb / 6P
PHASE CONTROL THYRISTOR
DCR604SE1616 IRI-DCR604SE1616 Datasheet
517Kb / 6P
PHASE CONTROL THYRISTOR
DCR604SE2121 IRI-DCR604SE2121 Datasheet
517Kb / 6P
PHASE CONTROL THYRISTOR
More results


Similar Description - DCR604SE

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMT-25 SEMPO-SMT-25 Datasheet
49Kb / 1P
Phase Control Thyristor
SMT-100 SEMPO-SMT-100 Datasheet
38Kb / 1P
Phase Control Thyristor
SMTC3-3500 SEMPO-SMTC3-3500 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-3000 SEMPO-SMTC2-3000 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1800F SEMPO-SMTC2-1800F Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1500 SEMPO-SMTC2-1500 Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMT-200 SEMPO-SMT-200 Datasheet
38Kb / 1P
Phase Control Thyristor
SMT-300 SEMPO-SMT-300 Datasheet
40Kb / 1P
Phase Control Thyristor
SMTC1-800 SEMPO-SMTC1-800 Datasheet
56Kb / 1P
Phase Control Thyristor
SMTC2-600 SEMPO-SMTC2-600 Datasheet
56Kb / 1P
Phase Control Thyristor
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com