Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC81711NIP0F Datasheet (PDF) - Sharp Corporation

PC81711NIP0F Datasheet PDF - Sharp Corporation
Part # PC81711NIP0F
Download  PC81711NIP0F Download
File Size   230.53 Kbytes
Page   14 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description DIP 4pin High CMR, Low Input Current Photocoupler

PC81711NIP0F Datasheet (PDF)

Go To PDF Page Download Datasheet
PC81711NIP0F Datasheet PDF - Sharp Corporation

Part # PC81711NIP0F
Download  PC81711NIP0F Click to download

File Size   230.53 Kbytes
Page   14 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description DIP 4pin High CMR, Low Input Current Photocoupler

PC81711NIP0F Datasheet (HTML) - Sharp Corporation


PC81711NIP0F Product details

■ Description
PC8171xNSZ0F Series contains an IRED optically coupled to a phototransistor.
It is packaged in a 4pin DIP, available in SMT gullwing lead-form option.
Input-output isolation voltage(rms) is 5.0kV.
Collector-emitter voltage is 80V, CTR is 100% to 600% at input current of 0.5mA and CMR is MIN. 10kV/µs.

■ Features
1. 4pin DIP package
2. Double transfer mold package (Ideal for Flow Soldering)
3. Low input current type (IF=0.5mA)
4. High collector-emitter voltage(VCEO : 80V)
5. High noise immunity due to high common rejection voltage (CMR : MIN. 10kV/µs)
6. High isolation voltage between input and output (Viso(rms) : 5.0 kV)
7. Lead-free and RoHS directive compliant

■ Applications
1. Programmable controllers
2. Facsimiles
3. Telephones




Similar Part No. - PC81711NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC81711NIP0F SHARP-PC81711NIP0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
More results


Similar Description - PC81711NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
DIP 4pin AC Input Photocoupler
PC81510NSZ0F SHARP-PC81510NSZ0F Datasheet
292Kb / 11P
DIP 4pin Darlington Phototransistor Output, Low Input Current Photocoupler
PC81710NSZ0F SHARP-PC81710NSZ0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC12311NSZ0F SHARP-PC12311NSZ0F Datasheet
491Kb / 16P
DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC81710NIP0F SHARP-PC81710NIP0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81713NSZ0F SHARP-PC81713NSZ0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81410NSZ0F SHARP-PC81410NSZ0F Datasheet
233Kb / 14P
DIP 4pin High CMR, AC Input, Low Input Current Photocoupler
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
DIP 4pin AC Input Photocoupler
PC81510NSZ SHARP-PC81510NSZ Datasheet
178Kb / 11P
DIP 4pin Darlington Phototransistor Output, Low Input Current Photocoupler
logo
COSMO Electronics Corp...
KPS28010Z COSMO-KPS28010Z_15 Datasheet
220Kb / 10P
4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com