Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFM900FXM12-A000 Datasheet (PDF) - Dynex Semiconductor

DFM900FXM12-A000 Datasheet PDF - Dynex Semiconductor
Part # DFM900FXM12-A000
Download  DFM900FXM12-A000 Download
File Size   99.91 Kbytes
Page   7 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Fast Recovery Diode Module Preliminary Information

DFM900FXM12-A000 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFM900FXM12-A000 Datasheet PDF - Dynex Semiconductor

Part # DFM900FXM12-A000
Download  DFM900FXM12-A000 Click to download

File Size   99.91 Kbytes
Page   7 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Fast Recovery Diode Module Preliminary Information

DFM900FXM12-A000 Datasheet (HTML) - Dynex Semiconductor


DFM900FXM12-A000 Product details

Fast Recovery Diode Module

The DFM900FXM12-A000 is a dual 1200V, fast recovery diode (FRD) module. Designed for low power loss, the module is suitable for a variety of high voltage applications in motor drives and power conversion.
Fast switching times and low reverse recovery losses allow high frequency operation, making the device suitable for the latest drive designs employing PWM and high frequency switching.
The module incorporates an electrically isolated base plate and low inductance construction enabling circuit designers to optimise circuit layouts and utilise grounded heat sinks for safety.

FEATURES
• Low Reverse Recovery Charge
• High Switching Speed
• Low Forward Volt Drop
• Isolated AlSiC Base with AlN Substrates
• Dual Diodes can be paralleled for 1800A Rating
• Lead Free Construction

APPLICATIONS
• Chopper Diodes
• Boost and Buck Circuits
• Free-wheel Circuits
• Multi-level Switch Inverters




Similar Part No. - DFM900FXM12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM900FXM12-A000 DYNEX-DFM900FXM12-A000 Datasheet
252Kb / 6P
Fast Recovery Diode Module
DFM900FXM12-A000 DYNEX-DFM900FXM12-A000_10 Datasheet
252Kb / 6P
Fast Recovery Diode Module
DFM900FXM12-A000 DYNEX-DFM900FXM12-A000_15 Datasheet
252Kb / 6P
Fast Recovery Diode Module
More results


Similar Description - DFM900FXM12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM1200EXM12-A000 DYNEX-DFM1200EXM12-A000 Datasheet
119Kb / 7P
Fast Recovery Diode Module Preliminary Information
DFM1200FXM12-A000 DYNEX-DFM1200FXM12-A000 Datasheet
99Kb / 7P
Fast Recovery Diode Module Preliminary Information
DFM1200FXM18-A000 DYNEX-DFM1200FXM18-A000 Datasheet
100Kb / 7P
Fast Recovery Diode Module Preliminary Information
DFM1200NXM33-A000 DYNEX-DFM1200NXM33-A000 Datasheet
120Kb / 7P
Fast Recovery Diode Module Preliminary Information
DFM200PXM33-A000 DYNEX-DFM200PXM33-A000 Datasheet
152Kb / 7P
Fast Recovery Diode Module Preliminary Information
DFM300LXS12-A000 DYNEX-DFM300LXS12-A000 Datasheet
92Kb / 7P
Fast Recovery Diode Module Preliminary Information
DFM600FXM12-A000 DYNEX-DFM600FXM12-A000 Datasheet
99Kb / 7P
Fast Recovery Diode Module Preliminary Information
DFM600FXM18-A000 DYNEX-DFM600FXM18-A000 Datasheet
100Kb / 7P
Fast Recovery Diode Module Preliminary Information
DFM600LXS18-A000 DYNEX-DFM600LXS18-A000 Datasheet
93Kb / 7P
Fast Recovery Diode Module Preliminary Information
DFM900FXM18-A000 DYNEX-DFM900FXM18-A000 Datasheet
100Kb / 7P
Fast Recovery Diode Module Preliminary Information
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com