Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM10100DS Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM10100DS Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM10100DS
Download  SM10100DS Download
File Size   200.38 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 100V 10A Schottky Barrier Rectifiers

SM10100DS Datasheet (PDF)

Go To PDF Page Download Datasheet
SM10100DS Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM10100DS
Download  SM10100DS Click to download

File Size   200.38 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 100V 10A Schottky Barrier Rectifiers

SM10100DS Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SM10100DS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM10100DS1 SECOS-SM10100DS1 Datasheet
165Kb / 2P
10.0 AMP Surface Mount Schottky Barrier Rectifiers
SM10100DS1 SECOS-SM10100DS1_15 Datasheet
205Kb / 2P
10A Schottky Barrier Rectifiers
SM10100DS SECOS-SM10100DS_11 Datasheet
275Kb / 2P
VOLTAGE 100 V 10A Schottky Barrier Rectifiers
SM10100DS SECOS-SM10100DS_15 Datasheet
200Kb / 2P
10A Schottky Barrier Rectifiers
More results


Similar Description - SM10100DS

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S10A70 MOSPEC-S10A70 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(10A,70-100V)
S10C70 MOSPEC-S10C70 Datasheet
228Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(10A,70-100V)
S10S70 MOSPEC-S10S70 Datasheet
224Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(10A,70-100V)
logo
SeCoS Halbleitertechnol...
SBR20100F SECOS-SBR20100F Datasheet
318Kb / 2P
VOLTAGE 100V 20.0AMP Schottky Barrier Rectifiers
SBR30100R SECOS-SBR30100R Datasheet
359Kb / 2P
VOLTAGE 100V 30.0AMP Schottky Barrier Rectifiers
SBR30100RF SECOS-SBR30100RF Datasheet
366Kb / 2P
VOLTAGE 100V 30.0AMP Schottky Barrier Rectifiers
logo
Hi-Sincerity Mocroelect...
HSBR10100CT HSMC-HSBR10100CT Datasheet
174Kb / 4P
Schottky Barrier Rectifiers (Reverse Voltage 100V to150V, Forward Current 10A)
logo
Leshan Radio Company
SB1020 LRC-SB1020 Datasheet
162Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
logo
SeCoS Halbleitertechnol...
SMPD10100L SECOS-SMPD10100L Datasheet
246Kb / 2P
100V, 10A Low VF Schottky Barrier Rectifiers
logo
Shindengen Electric Mfg...
D10FY10ST SHINDENGEN-D10FY10ST Datasheet
1Mb / 7P
Schottky Barrier Diodes 100V, 10A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com