Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-8X7 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-8X7 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-8X7
Download  ACPL-8X7 Download
File Size   476.8 Kbytes
Page   9 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Multi-Channel Full-Pitch Phototransistor Optocoupler

ACPL-8X7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-8X7 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-8X7
Download  ACPL-8X7 Click to download

File Size   476.8 Kbytes
Page   9 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Multi-Channel Full-Pitch Phototransistor Optocoupler

ACPL-8X7 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-8X7 Product details

Description

The  ACPL-827  is  a  DC-input  dual  channel  full-pitch phototransistor  optocoupler  which  contains  two  light emitting  diode  optically  coupled  to  two  separate transistor. It is packaged in a 8-pin DIP package.

Likewise, the ACPL-847 is a DC-input quad channel full pitch  phototransistor  optocoupler  which  contains  four light  emitting  diode  optically  coupled  to  four  separate transistor. It is packaged in a 16-pin DIP package



Features

•  Current transfer ratio (CTR: min. 50% at IF= 5mA, VCE= 5V)

•  High input-output isolation voltage  (VISO= 5,000VRMS)

•  Response time (tr: typ. 4µs at VCE= 2V, IC= 2mA, RL= 100W)

•  Compact dual-in-line package




Similar Part No. - ACPL-8X7

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-8X7 BOARDCOM-ACPL-8X7 Datasheet
800Kb / 12P
Multi-Channel Full-Pitch Phototransistor Optocoupler
More results


Similar Description - ACPL-8X7

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILD621 SIEMENS-ILD621 Datasheet
78Kb / 4P
MULTI-CHANNEL PHOTOTRANSISTOR OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-847-30GE AVAGO-ACPL-847-30GE Datasheet
476Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-227-500E AVAGO-ACPL-227-500E Datasheet
181Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-827 AVAGO-ACPL-827 Datasheet
476Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler Sequence controllers
ACPL-844-000E AVAGO-ACPL-844-000E Datasheet
308Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-244-560E AVAGO-ACPL-244-560E Datasheet
179Kb / 8P
AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-847-00GE AVAGO-ACPL-847-00GE Datasheet
476Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-8X4 AVAGO-ACPL-8X4 Datasheet
308Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-8X7 BOARDCOM-ACPL-8X7 Datasheet
800Kb / 12P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-224 BOARDCOM-ACPL-224 Datasheet
820Kb / 10P
AC Input, Multi-Channel Half-Pitch Phototransistor Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com