Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD561JNZ Datasheet (PDF) - Analog Devices

AD561JNZ Datasheet PDF - Analog Devices
Part # AD561JNZ
Download  AD561JNZ Download
File Size   213.87 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost 10-Bit Low Cost 10-Bit

AD561JNZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD561JNZ Datasheet PDF - Analog Devices

Part # AD561JNZ
Download  AD561JNZ Click to download

File Size   213.87 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost 10-Bit Low Cost 10-Bit

AD561JNZ Datasheet (HTML) - Analog Devices


AD561JNZ Product details

PRODUCT DESCRIPTION

The AD561 is an integrated circuit 10-bit digital-to-analog converter combined with a high stability voltage reference fabricated on a single monolithic chip. Using ten precision high speed current-steering switches, a control amplifier, voltage reference, and laser-trimmed thin-film SiCr resistor network, the device produces a fast, accurate analog output current. Laser trimmed output application resistors are also included to facilitate accurate, stable current-to-voltage conversion; they are trimmed to 0.1% accuracy, thus eliminating external trimmers in many situations.



FEATURES

  Complete Current Output Converter

  High Stability Buried Zener Reference

  Laser Trimmed to High Accuracy (1/4 LSB Max Error, AD561K, T)

  Trimmed Output Application Resistors for 0 V to +10 V, 65 V Ranges

  Fast Settling – 250 ns to 1/2 LSB

  Guaranteed Monotonicity Over Full Operating Temperature Range

  TTL/DTL and CMOS Compatible (Positive True Logic)

  Single Chip Monolithic Construction

  Available in Chip Form

  MlL-STD-883-Compliant Versions Available



 




Similar Part No. - AD561JNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD561JN AD-AD561JN Datasheet
210Kb / 8P
Low Cost 10-Bit Monolithic D/A Converter
More results


Similar Description - AD561JNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD561 AD-AD561 Datasheet
210Kb / 8P
Low Cost 10-Bit Monolithic D/A Converter
AD7533 AD-AD7533 Datasheet
332Kb / 6P
CMOS LOW COST 10-BIT MULTIPLYING DAC
logo
Maxim Integrated Produc...
MX7533 MAXIM-MX7533 Datasheet
429Kb / 8P
CMOS Low Cost 10 Bit Multiplying D/A Converter
Rev 1a; 7/95
logo
Analog Devices
AD7533 AD-AD7533 Datasheet
337Kb / 6P
CMOS LOW COST 10-BIT MULTIPLYING DAC
AD561SD-883B AD-AD561SD-883B Datasheet
524Kb / 6P
Low Cost 10-Bit Monolithic D/A Converter
REV. G
AD7533JNZ AD-AD7533JNZ Datasheet
353Kb / 12P
CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
AD561 AD-AD561_15 Datasheet
213Kb / 8P
Low Cost 10-Bit Monolithic D/A Converter
REV. A
AD7533 AD-AD7533_15 Datasheet
353Kb / 12P
CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
AD8383 AD-AD8383_15 Datasheet
382Kb / 16P
Low Cost 10-Bit, 6-Channel Output
REV. 0
AD561 AD-AD561_17 Datasheet
623Kb / 5P
LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
28-Sep-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com