Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM0511-QT Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

CMM0511-QT Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # CMM0511-QT
Download  CMM0511-QT Download
File Size   1101.5 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 5.0-14.0 GHz GaAs MMICPackaged

CMM0511-QT Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM0511-QT Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # CMM0511-QT
Download  CMM0511-QT Click to download

File Size   1101.5 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 5.0-14.0 GHz GaAs MMICPackaged

CMM0511-QT Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - CMM0511-QT

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0511-QT MIMIX-CMM0511-QT Datasheet
446Kb / 6P
5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM0511-QT MIMIX-CMM0511-QT Datasheet
443Kb / 6P
5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM0511-QT MIMIX-CMM0511-QT Datasheet
1Mb / 6P
5.0-14.0 GHz GaAs MMIC
CMM0511-QT-0G00 MIMIX-CMM0511-QT-0G00 Datasheet
446Kb / 6P
5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM0511-QT-0G00 MIMIX-CMM0511-QT-0G00 Datasheet
443Kb / 6P
5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
More results


Similar Description - CMM0511-QT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0007 MACOM-AM42-0007 Datasheet
39Kb / 3P
GaAs MMIC VSAT Power Amplifier 2.0W 14.0 - 14.5 GHz
logo
Hittite Microwave Corpo...
HMC347LP3 HITTITE-HMC347LP3 Datasheet
193Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
logo
Tyco Electronics
AM42-0041 MACOM-AM42-0041 Datasheet
204Kb / 3P
GaAs MMIC VSAT Power Amplifier, 0.5W 14.0 - 14.5 GHz
logo
Mimix Broadband
CMM0511-QT MIMIX-CMM0511-QT Datasheet
446Kb / 6P
5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
XB1009-BD MIMIX-XB1009-BD Datasheet
273Kb / 7P
14.0-30.0 GHz GaAs MMIC Buffer Amplifier
logo
Hittite Microwave Corpo...
HMC347LP3 HITTITE-HMC347LP3_06 Datasheet
248Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
logo
Mimix Broadband
CMM0511-QT MIMIX-CMM0511-QT_08 Datasheet
443Kb / 6P
5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
logo
M/A-COM Technology Solu...
AM42-0007-DIE MA-COM-AM42-0007-DIE Datasheet
252Kb / 3P
GaAs MMIC Power Amplifier, 2 W 14.0 - 14.5 GHz
logo
Mimix Broadband
CMM0511-QT MIMIX-CMM0511-QT_10 Datasheet
1Mb / 6P
5.0-14.0 GHz GaAs MMIC
logo
Hittite Microwave Corpo...
HMC558LC3B HITTITE-HMC558LC3B Datasheet
203Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com