Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS502ST Datasheet (PDF) - Dynex Semiconductor

DS502ST Datasheet PDF - Dynex Semiconductor
Part # DS502ST
Download  DS502ST Download
File Size   95.87 Kbytes
Page   7 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Rectifier Diode

DS502ST Datasheet (PDF)

Go To PDF Page Download Datasheet
DS502ST Datasheet PDF - Dynex Semiconductor

Part # DS502ST
Download  DS502ST Click to download

File Size   95.87 Kbytes
Page   7 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Rectifier Diode

DS502ST Datasheet (HTML) - Dynex Semiconductor


DS502ST Product details

KEY PARAMETERS

  VRRM 1400V

  IF(AV) 866A

  IFSM 8000A

 

FEATURES

■ Double Side Cooling

■ High Surge Capability



APPLICATIONS

■ Rectification

■ Freewheel Diode

■ DC Motor Control

■ Power Supplies

■ Welding

■ Battery Chargers



 




Similar Part No. - DS502ST

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DS5022P COILCRAFT-DS5022P Datasheet
263Kb / 2P
SMT Power Inductors
DS5022P-102ML COILCRAFT-DS5022P-102ML Datasheet
263Kb / 2P
SMT Power Inductors
DS5022P-102ML COILCRAFT-DS5022P-102ML Datasheet
119Kb / 2P
SMT Power Inductors ??DS5022P Series
DS5022P-102ML COILCRAFT-DS5022P-102ML Datasheet
119Kb / 2P
SMT Power Inductors ??DS5022P Series
DS5022P-102ML COILCRAFT-DS5022P-102ML Datasheet
110Kb / 2P
SMT Power Inductors ??DS5022P Series
More results


Similar Description - DS502ST

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR1107 POSEICO-AR1107 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR2009 POSEICO-AR2009 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR242 POSEICO-AR242 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3007 POSEICO-AR3007 Datasheet
256Kb / 4P
RECTIFIER DIODE
AR447PC POSEICO-AR447PC Datasheet
352Kb / 4P
RECTIFIER DIODE
AR509PC POSEICO-AR509PC Datasheet
184Kb / 4P
RECTIFIER DIODE
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
logo
Dynex Semiconductor
DS2106SY DYNEX-DS2106SY Datasheet
93Kb / 7P
Rectifier Diode
DS501ST DYNEX-DS501ST Datasheet
91Kb / 6P
Rectifier Diode
logo
Rohm
1SR153-400 ROHM-1SR153-400_1 Datasheet
143Kb / 4P
Rectifier diode
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com