Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFLZ6V2 Datasheet (PDF) - Micro Commercial Components

DFLZ6V2 Datasheet PDF - Micro Commercial Components
Part # DFLZ6V2
Download  DFLZ6V2 Download
File Size   341.42 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1 Watt Zener Diode 6.2V - 39V Volts

DFLZ6V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFLZ6V2 Datasheet PDF - Micro Commercial Components

Part # DFLZ6V2
Download  DFLZ6V2 Click to download

File Size   341.42 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1 Watt Zener Diode 6.2V - 39V Volts

DFLZ6V2 Datasheet (HTML) - Micro Commercial Components


DFLZ6V2 Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• 1.0W Power Dissipation
• High Surge Capability
• Ideally Suited for Automatic Assembly
• Standard VZ Tolerance is +/- 5%
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
   Compliant. See ordering information)




Similar Part No. - DFLZ6V2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLZ6V2 DIODES-DFLZ6V2 Datasheet
188Kb / 3P
1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 4 - 2
DFLZ6V2 DIODES-DFLZ6V2 Datasheet
75Kb / 4P
1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 8 - 2
logo
Micro Commercial Compon...
DFLZ6V2 MCC-DFLZ6V2 Datasheet
326Kb / 4P
1 Watt Zener Diode 6.2V - 39V Volts
DFLZ6V2 MCC-DFLZ6V2 Datasheet
341Kb / 4P
Halogen free available upon request by adding suffix -HF
DFLZ6V2 MCC-DFLZ6V2 Datasheet
341Kb / 4P
1 Watt Zener Diode 6.2V - 39V Volts
More results


Similar Description - DFLZ6V2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DFLZ6V2 MCC-DFLZ6V2 Datasheet
326Kb / 4P
1 Watt Zener Diode 6.2V - 39V Volts
logo
List of Unclassifed Man...
SMAZ22-TP ETC2-SMAZ22-TP Datasheet
301Kb / 4P
1 Watt Zener Diode 5.1V - 39V Volts
logo
Micro Commercial Compon...
SMAZ16-TP MCC-SMAZ16-TP Datasheet
313Kb / 4P
1 Watt Zener Diode 5.1V - 39V Volts
SMAZ18-TP MCC-SMAZ18-TP Datasheet
313Kb / 4P
1 Watt Zener Diode 5.1V - 39V Volts
DFLZ39-TP MCC-DFLZ39-TP Datasheet
341Kb / 4P
1 Watt Zener Diode 6.2V - 39V Volts
SMAZ8V2-TP MCC-SMAZ8V2-TP Datasheet
313Kb / 4P
1 Watt Zener Diode 5.1V - 39V Volts
SMAZ20-TP MCC-SMAZ20-TP Datasheet
311Kb / 4P
1 Watt Zener Diode 5.1V - 39V Volts
SMAZ9V1-TP MCC-SMAZ9V1-TP Datasheet
311Kb / 4P
1 Watt Zener Diode 5.1V - 39V Volts
SMAZ5V1 MCC-SMAZ5V1 Datasheet
227Kb / 4P
1 Watt Zener Diode 5.1V - 39V Volts
SMAZ10HE3 MCC-SMAZ10HE3 Datasheet
309Kb / 4P
1 Watt Zener Diode 10V - 39V Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com