Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA28140 Datasheet (PDF) - Dynex Semiconductor

MA28140 Datasheet PDF - Dynex Semiconductor
Part # MA28140
Download  MA28140 Download
File Size   857.93 Kbytes
Page   72 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Packet Telecommand Decoder

MA28140 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA28140 Datasheet PDF - Dynex Semiconductor

Part # MA28140
Download  MA28140 Click to download

File Size   857.93 Kbytes
Page   72 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Packet Telecommand Decoder

MA28140 Datasheet (HTML) - Dynex Semiconductor


MA28140 Product details

The MA28140 Packet Telecommand Decoder (PTD) is a single-chip implementation of the core part of a telecommand decoder, manufactured using CMOS-SOS high performance, radiation hard, 1.5µm technology. The PTD is a full implementation of and fully compliant with the packet telecommand standard ESA PSS-04-107 and the telecommand decoder specification ESA PSS-04-151, these being derived from the corresponding CCSDS standards.

FEATURES
■ Single Chip Implementation of all TC Decoder Core Functions
■ Built-in Authentication Unit
■ Built-in Command Pulse Distribution Unit Core Logic
■ Radiation Hard to 1MRads (Si)
■ High SEU Immunity, Latch-up Free
■ CMOS-SOS Technology
■ Conforms to CCSDS Standards
■ 6 NRZ TC Input Channels
■ 50Kbps Bit Rate
■ Low Power Consumption
■ Single 5V Supply
■ -55 to +125°C Operation




Similar Part No. - MA28140

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MA2810 SHINDENGEN-MA2810 Datasheet
449Kb / 7P
Power Switching Regulators
logo
Murata Manufacturing Co...
MA28101BAN MURATA-MA28101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA28101BBN MURATA-MA28101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA28101CAN MURATA-MA28101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA28101CBN MURATA-MA28101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results


Similar Description - MA28140

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
19PA217-NT HONEYWELL-ACC-19PA217-NT Datasheet
46Kb / 1P
PACKET
logo
Pericom Semiconductor C...
PI7C9X2G304EL PERICOM-PI7C9X2G304EL Datasheet
300Kb / 1P
Packet Switch
PI7C9X2G304SL PERICOM-PI7C9X2G304SL Datasheet
300Kb / 1P
Packet Switch
PI7C9X2G312GP PERICOM-PI7C9X2G312GP Datasheet
119Kb / 1P
Packet Switch
PI7C9X2G404SL PERICOM-PI7C9X2G404SL Datasheet
301Kb / 1P
Packet Switch
PI7C9X2G606PR PERICOM-PI7C9X2G606PR Datasheet
420Kb / 1P
Packet Switch
PI7C9X2G608EL PERICOM-PI7C9X2G608EL Datasheet
357Kb / 1P
Packet Switch
PI7C9X2G608GP PERICOM-PI7C9X2G608GP Datasheet
421Kb / 1P
Packet Switch
PI7C9X2G612GP PERICOM-PI7C9X2G612GP Datasheet
420Kb / 1P
Packet Switch
PI7C9X20303SL PERICOM-PI7C9X20303SL Datasheet
80Kb / 1P
Packet Switch
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com