Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3V-50 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

M3V-50 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # M3V-50
Download  M3V-50 Download
File Size   66.03 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Three-Way Power Dividers

M3V-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
M3V-50 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # M3V-50
Download  M3V-50 Click to download

File Size   66.03 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Three-Way Power Dividers

M3V-50 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


M3V-50 Product details

Description
A Power Divider is ideally a lossless reciprocal device which can also perform vector summation of two or more signals and thus is sometimes called a power combiner or summer.

Features
• Ideal for High Density Packaging
• High Isolation
• VSWR: 1.3:1 Max.
• Impedance: 50 Ohms Nominal
• Maximum Power Rating or Input Power: 1 Watt Max.
• Internal Load Dissipation: 0.05 Watts Max.
• MIL-STD-202 Screening Available




Similar Part No. - M3V-50

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M3V-50 MACOM-M3V-50 Datasheet
84Kb / 1P
Three-Way Power Dividers 1 - 100 MHz and 50 - 300 MHz
logo
M/A-COM Technology Solu...
M3V-50 MA-COM-M3V-50 Datasheet
66Kb / 2P
Three-Way Power Dividers, 1 - 100 MHz and 50 - 300 MHz
M3V-50PIN MA-COM-M3V-50PIN Datasheet
66Kb / 2P
Three-Way Power Dividers, 1 - 100 MHz and 50 - 300 MHz
M3V-50 MA-COM-M3V-50_15 Datasheet
66Kb / 2P
Three-Way Power Dividers
More results


Similar Description - M3V-50

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-117308 MACOM-DS-117308 Datasheet
110Kb / 2P
Three-Way Power Dividers 1 - 300 MHz
logo
Filtronic Compound Semi...
4003 FILTRONIC-4003 Datasheet
273Kb / 2P
POWER DIVIDERS - THREE WAY, 1 TO 18 GHZ
logo
Merrimac Industries, In...
PDD-3X-1.5G MERRIMAC-PDD-3X-1.5G Datasheet
162Kb / 5P
2-WAY POWER DIVIDERS
PDD-3Z-2.45G MERRIMAC-PDD-3Z-2.45G Datasheet
136Kb / 5P
3-WAY POWER DIVIDERS
logo
M/A-COM Technology Solu...
2090 MA-COM-2090 Datasheet
135Kb / 3P
Three-Way Isolated Power Dividers Tapered, Ultra-Broadband
2090SERIES MA-COM-2090SERIES Datasheet
135Kb / 3P
Three-Way Isolated Power Dividers Tapered Ultra-Broadband
M3H-50 MA-COM-M3H-50 Datasheet
66Kb / 2P
Three-Way Power Dividers
M3H-50 MA-COM-M3H-50_15 Datasheet
66Kb / 2P
Three-Way Power Dividers
M3V-50 MA-COM-M3V-50_15 Datasheet
66Kb / 2P
Three-Way Power Dividers
2090 MA-COM-2090_15 Datasheet
472Kb / 4P
Three-Way Isolated Power Dividers Tapered, Ultra-Broadband
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com