Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK56L-TP Datasheet (PDF) - Micro Commercial Components

SK56L-TP Datasheet PDF - Micro Commercial Components
Part # SK56L-TP
Download  SK56L-TP Download
File Size   313.55 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description SK56L-TP Rectifier 20 to 100 Volts

SK56L-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
SK56L-TP Datasheet PDF - Micro Commercial Components

Part # SK56L-TP
Download  SK56L-TP Click to download

File Size   313.55 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description SK56L-TP Rectifier 20 to 100 Volts

SK56L-TP Datasheet (HTML) - Micro Commercial Components


SK56L-TP Product details

Features
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix Designates
   Compliant. See Ordering Information)
• High Current Capability
• For Surface Mount Application
• Epoxy Meets UL 94 V-0 Flammability Rating
• Moisture Sensitivity Level 1
• Halogen Free Available Upon Request By Adding Suffix "-HF"

Maximum Ratings
• Operating Junction Temperature Range: -55°C to +150°C
• Storage Temperature Range: -55°C to +150°C
• Maximum Thermal Resistance: 16°C/W Junction to Lead
• Maximum Thermal Resistance: 55°C/W Junction to Ambient




Similar Part No. - SK56L-TP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK56L-SMC-R UTC-SK56L-SMC-R Datasheet
127Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SK56L-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2020CT MCC-MBR2020CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF2020CT MCC-MBRF2020CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020FCT MCC-MBR2020FCT Datasheet
1Mb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020CT MCC-MBR2020CT_08 Datasheet
188Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2020CT MCC-MBRB2020CT_11 Datasheet
467Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Gaomi Xinghe Electronic...
SK82 GXELECTRONICS-SK82 Datasheet
228Kb / 1P
8.0Amp Schottky Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBRB2020CT MCC-MBRB2020CT_17 Datasheet
259Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com