Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP04TT600 Datasheet (PDF) - Dynex Semiconductor

MP04TT600 Datasheet PDF - Dynex Semiconductor
Part # MP04TT600
Download  MP04TT600 Download
File Size   264.44 Kbytes
Page   10 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Dual Thyristor Water Cooled Module Preliminary Information

MP04TT600 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP04TT600 Datasheet PDF - Dynex Semiconductor

Part # MP04TT600
Download  MP04TT600 Click to download

File Size   264.44 Kbytes
Page   10 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Dual Thyristor Water Cooled Module Preliminary Information

MP04TT600 Datasheet (HTML) - Dynex Semiconductor


MP04TT600 Product details

KEY PARAMETERS

VDRM 1800V

IT(AV) 580A

ITSM(per arm) 14000A

IT(RMS) 912A

Visol 3000V



FEATURES

■ Dual Device Module

■ Electrically Isolated Package

■ Pressure Contact Construction

■ International Standard Footprint

■ Alumina (Non Toxic) Isolation Medium

■ Integral Water Cooled Heatsink

APPLICATIONS

■ Motor Control

■ Controlled Rectifier Bridges

■ Heater Control

■ AC Phase Control




Similar Part No. - MP04TT600

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP04TT1400 DYNEX-MP04TT1400 Datasheet
188Kb / 10P
Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1400-25-W2 DYNEX-MP04TT1400-25-W2 Datasheet
188Kb / 10P
Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1400-25-W3 DYNEX-MP04TT1400-25-W3 Datasheet
188Kb / 10P
Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1400-25-W3A DYNEX-MP04TT1400-25-W3A Datasheet
188Kb / 10P
Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1400-26-W2 DYNEX-MP04TT1400-26-W2 Datasheet
188Kb / 10P
Dual Thyristor Water Cooled Welding Module Preliminary Information
More results


Similar Description - MP04TT600

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR840F DYNEX-DCR840F Datasheet
139Kb / 9P
Phase Control Thyristor Preliminary Information
MP02TT200 DYNEX-MP02TT200 Datasheet
127Kb / 9P
Dual Thyristor Water Cooled Module Preliminary Information
MP02TT800 DYNEX-MP02TT800 Datasheet
136Kb / 8P
Dual Thyristor Water Cooled Welding Module Preliminary Information
MP03TT1250 DYNEX-MP03TT1250 Datasheet
141Kb / 9P
Dual Thyristor Water Cooled Welding Module Preliminary Information
MP03TT300 DYNEX-MP03TT300 Datasheet
148Kb / 10P
Dual Thyristor Water Cooled Module Preliminary Information
MP03TT580 DYNEX-MP03TT580 Datasheet
139Kb / 9P
Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04DD810 DYNEX-MP04DD810 Datasheet
205Kb / 9P
Dual Rectifier Diode Water Cooled Module Preliminary Information
MP04TT1400 DYNEX-MP04TT1400 Datasheet
188Kb / 10P
Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1550 DYNEX-MP04TT1550 Datasheet
186Kb / 10P
Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT500 DYNEX-MP04TT500 Datasheet
292Kb / 10P
Dual Thyristor Water Cooled Module Advance Information
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com