Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256-BFMC6TG Datasheet (PDF) - STMicroelectronics

M24256-BFMC6TG Datasheet PDF - STMicroelectronics
Part # M24256-BFMC6TG
Download  M24256-BFMC6TG Download
File Size   716.33 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 256-Kbit serial I짼C bus EEPROM

M24256-BFMC6TG Datasheet (PDF)

Go To PDF Page Download Datasheet
M24256-BFMC6TG Datasheet PDF - STMicroelectronics

Part # M24256-BFMC6TG
Download  M24256-BFMC6TG Click to download

File Size   716.33 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 256-Kbit serial I짼C bus EEPROM

M24256-BFMC6TG Datasheet (HTML) - STMicroelectronics


M24256-BFMC6TG Product details

Description
The M24256 is a 256-Kbit I2C-compatible EEPROM (Electrically Erasable PROgrammable Memory) organized as 32 K × 8 bits.

Features
• Compatible with all I2C bus modes:
    – 1 MHz
    – 400 kHz
    – 100 kHz
• Memory array:
    – 256 Kbit (32 Kbyte) of EEPROM
    – Page size: 64 byte
    – Additional Write lockable page (M24256-D order codes)
• Single supply voltage and high speed:
    – 1 MHz clock from 1.7 V to 5.5 V
• Write:
    – Byte Write within 5 ms
    – Page Write within 5 ms
• Operating temperature range:
    – from -40 °C up to +85 °C
• Random and sequential Read modes
• Write protect of the whole memory array
• Enhanced ESD/Latch-Up protection
• More than 4 million Write cycles
• More than 200-years data retention




Similar Part No. - M24256-BFMC6TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-BF STMICROELECTRONICS-M24256-BF Datasheet
507Kb / 42P
256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
04-Mar-2010
M24256-BF STMICROELECTRONICS-M24256-BF Datasheet
345Kb / 37P
Random and sequential read modes
21-Jan-2009
M24256-BF STMICROELECTRONICS-M24256-BF Datasheet
410Kb / 41P
256-Kbit serial I²C bus EEPROM
18-Sep-2012
M24256-BFDW6TP STMICROELECTRONICS-M24256-BFDW6TP Datasheet
415Kb / 40P
256-Kbit serial I²C bus EEPROM
17-Dec-2012
M24256-BF STMICROELECTRONICS-M24256-BF_12 Datasheet
410Kb / 41P
256-Kbit serial I²C bus EEPROM
18-Sep-2012
More results


Similar Description - M24256-BFMC6TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C32-W STMICROELECTRONICS-M24C32-W Datasheet
385Kb / 38P
32 Kbit serial I²C bus EEPROM
07-Dec-2009
M24C32-W STMICROELECTRONICS-M24C32-W_12 Datasheet
392Kb / 40P
32-Kbit serial I²C bus EEPROM
25-Jul-2012
M24256-BW STMICROELECTRONICS-M24256-BW_12 Datasheet
410Kb / 41P
256-Kbit serial I²C bus EEPROM
18-Sep-2012
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
256-Kbit serial I짼C bus EEPROM
17-Dec-2012
M24256-BFDW6TP STMICROELECTRONICS-M24256-BFDW6TP Datasheet
415Kb / 40P
256-Kbit serial I²C bus EEPROM
17-Dec-2012
M24128-BFMC6TG STMICROELECTRONICS-M24128-BFMC6TG Datasheet
1Mb / 40P
128-Kbit serial I²C bus EEPROM
04-Apr-2013
M24C32-FDW6TP STMICROELECTRONICS-M24C32-FDW6TP Datasheet
392Kb / 40P
32-Kbit serial I짼C bus EEPROM
25-Jul-2012
M24C08-WMN6P STMICROELECTRONICS-M24C08-WMN6P Datasheet
688Kb / 38P
8-Kbit serial I²C bus EEPROM
04-Jun-2014
M24C08-RMC6TG STMICROELECTRONICS-M24C08-RMC6TG Datasheet
688Kb / 38P
8-Kbit serial I짼C bus EEPROM
04-Jun-2014
M24256-DRE STMICROELECTRONICS-M24256-DRE Datasheet
1Mb / 41P
256-Kbit serial I²C bus EEPROM - 105°C operation
January 2015 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com