Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ15CA-13 Datasheet (PDF) - Diodes Incorporated

SMBJ15CA-13 Datasheet PDF - Diodes Incorporated
Part # SMBJ15CA-13
Download  SMBJ15CA-13 Download
File Size   142.46 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMBJ15CA-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ15CA-13 Datasheet PDF - Diodes Incorporated

Part # SMBJ15CA-13
Download  SMBJ15CA-13 Click to download

File Size   142.46 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMBJ15CA-13 Datasheet (HTML) - Diodes Incorporated


SMBJ15CA-13 Product details

Features

600W Peak Pulse Power Dissipation

5.0V - 170V Standoff Voltages

Glass Passivated Die Construction

Uni- and Bi-Directional Versions Available

Excellent Clamping Capability

Fast Response Time

Plastic Material - UL Flammability Classification Rating 94V-0


 




Similar Part No. - SMBJ15CA-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMBJ15CA-13-F DIODES-SMBJ15CA-13-F Datasheet
80Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
More results


Similar Description - SMBJ15CA-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ100CA LUGUANG-SMBJ100CA Datasheet
402Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 17
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 17
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 17
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 2
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com