Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMLJ40 Datasheet (PDF) - Micro Commercial Components

SMLJ40 Datasheet PDF - Micro Commercial Components
Part # SMLJ40
Download  SMLJ40 Download
File Size   504.48 Kbytes
Page   7 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt

SMLJ40 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMLJ40 Datasheet PDF - Micro Commercial Components

Part # SMLJ40
Download  SMLJ40 Click to download

File Size   504.48 Kbytes
Page   7 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt

SMLJ40 Datasheet (HTML) - Micro Commercial Components


SMLJ40 Product details

FEATURES
• Lead Free Finish/Rohs Compliant(Note1)("P" Suffix designates Compliant. See ordering information)
• For surface mounted applications in order to optimize board space
• Built-in strain relief
• Glass passivated junction
• Excellent clamping capability
• Repetition rate (duty cycle):0.01%
• Fast response time: typically less than 1ps from 0 V to BV min
• Typical Id less than 1µA above 10V
• High temperature soldering: 260°C/10 seconds at terminals
• UL Recognized File #E 331408
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - SMLJ40

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ40 MCC-SMLJ40 Datasheet
428Kb / 8P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
Microsemi Corporation
SMLJ40 MICROSEMI-SMLJ40 Datasheet
138Kb / 3P
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
List of Unclassifed Man...
SMLJ40 ETC2-SMLJ40 Datasheet
385Kb / 4P
Transient Voltage Suppressor
logo
Microsemi Corporation
SMLJ40 MICROSEMI-SMLJ40 Datasheet
195Kb / 4P
SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
REV K
logo
Micro Commercial Compon...
SMLJ40A MCC-SMLJ40A Datasheet
428Kb / 8P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
More results


Similar Description - SMLJ40

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SA50 MCC-SA50 Datasheet
431Kb / 6P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMBJ50 MCC-SMBJ50 Datasheet
410Kb / 5P
Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Micro Commercial Compon...
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ15A-TP MCC-SMLJ15A-TP Datasheet
492Kb / 7P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ28A-TP MCC-SMLJ28A-TP Datasheet
504Kb / 7P
Transient Voltgae Suppressor 5.0 to 170 Volts 3000 Watt
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Micro Commercial Compon...
SMLJ440CA MCC-SMLJ440CA Datasheet
383Kb / 7P
Transient Voltage Suppressor 5.0 to 440 Volts 3000 Watt
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com