Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZW04 Datasheet (PDF) - EIC discrete Semiconductors

BZW04 Datasheet PDF - EIC discrete Semiconductors
Part # BZW04
Download  BZW04 Download
File Size   51.53 Kbytes
Page   4 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description TRANSIENT VOLTAGE SUPPRESSOR

BZW04 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZW04 Datasheet PDF - EIC discrete Semiconductors

Part # BZW04
Download  BZW04 Click to download

File Size   51.53 Kbytes
Page   4 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description TRANSIENT VOLTAGE SUPPRESSOR

BZW04 Datasheet (HTML) - EIC discrete Semiconductors


BZW04 Product details

VBR : 6.8 - 440 Volts
PPK : 400 Watts

FEATURES :
* 400W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time : typically less then 1.0 ps from 0 volt to VBR(min)
* Typical IR less then 1mA above 10V




Similar Part No. - BZW04

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BZW04 DBLECTRO-BZW04 Datasheet
195Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04 Datasheet
614Kb / 4P
400 Watts Transient Voltage Suppressor
logo
Shenzhen Taychipst Elec...
BZW04 TAYCHIPST-BZW04 Datasheet
3Mb / 3P
Voltage regulator dides
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04 Datasheet
262Kb / 6P
400 Watts Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
BZW04 NJSEMI-BZW04 Datasheet
179Kb / 2P
400 Watts Transient Voltage Suppressor Diodes
More results


Similar Description - BZW04

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com