Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP28 Datasheet (PDF) - EIC discrete Semiconductors

5KP28 Datasheet PDF - EIC discrete Semiconductors
Part # 5KP28
Download  5KP28 Download
File Size   28.08 Kbytes
Page   4 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description TRANSIENT VOLTAGE SUPPRESSOR

5KP28 Datasheet (PDF)

Go To PDF Page Download Datasheet
5KP28 Datasheet PDF - EIC discrete Semiconductors

Part # 5KP28
Download  5KP28 Click to download

File Size   28.08 Kbytes
Page   4 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description TRANSIENT VOLTAGE SUPPRESSOR

5KP28 Datasheet (HTML) - EIC discrete Semiconductors


5KP28 Product details

FEATURES :
* 5000W Peak Pulse Power
* Excellent clamping capability
* Low incremental surge resistance
* Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.)
* Typical IR less then 1mA above 10V
* Pb / RoHS F




Similar Part No. - 5KP28

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP28 SURGE-5KP28 Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP28 TRSYS-5KP28 Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP28 WTE-5KP28 Datasheet
58Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
5KP28 RECTRON-5KP28 Datasheet
970Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
5KP28 DCCOM-5KP28 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 5KP28

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com