Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16-VMF3TPB Datasheet (PDF) - Micron Technology

M25P16-VMF3TPB Datasheet PDF - Micron Technology
Part # M25P16-VMF3TPB
Download  M25P16-VMF3TPB Download
File Size   668.61 Kbytes
Page   50 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description Micron M25P80 Serial Flash Embedded Memory

M25P16-VMF3TPB Datasheet (PDF)

Go To PDF Page Download Datasheet
M25P16-VMF3TPB Datasheet PDF - Micron Technology

Part # M25P16-VMF3TPB
Download  M25P16-VMF3TPB Click to download

File Size   668.61 Kbytes
Page   50 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description Micron M25P80 Serial Flash Embedded Memory

M25P16-VMF3TPB Datasheet (HTML) - Micron Technology


M25P16-VMF3TPB Product details

Functional Description
The M25P16 is an 16Mb (2Mb x 8) serial Flash memory device with advanced write protection mechanisms accessed by a high speed SPI-compatible bus. The device supports high-performance commands for clock frequency up to 75MHz.

Features
• SPI bus compatible serial interface
• 16Mb Flash memory
• 75 MHz clock frequency (maximum)
• 2.7V to 3.6V single supply voltage
• Page program (up to 256 bytes) in 0.64ms (TYP)
• Erase capability
    – Sector erase: 512Kb in 0.6 s (TYP)
    – Bulk erase: 16Mb in 13 s (TYP)
• Write protection
    – Hardware write protection: protected area size defined by non-volatile bits BP0, BP1, BP2
• Deep power down: 1µA (TYP)
• Electronic signature
    – JEDEC standard 2-byte signature (2015h)
    – Unique ID code (UID) and 16 bytes of read-only data, available upon customer request
    – RES command, one-byte signature (14h) for backward compatibility
• More than 100,000 write cycles per sector
• More than 20 years data retention
• Automotive grade parts available
• Packages (RoHS compliant)
    – SO8N (MN) 150 mils
    – SO8W (MW) 208 mils
    – SO16 (MF) 300 mils
    – VFDFPN8 (MP) MLP8 6mm x 5mm
    – VFDFPN8 (ME) MLP8 8mm x 6mm
    – UFDFPN8 (MC) MLP8 4mm x 3mm




Similar Part No. - M25P16-VMF3TPB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P16-VMF3TP STMICROELECTRONICS-M25P16-VMF3TP Datasheet
486Kb / 55P
16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
10-Oct-2006
logo
Numonyx B.V
M25P16-VMF3TP NUMONYX-M25P16-VMF3TP Datasheet
1Mb / 55P
16 Mbit, serial Flash memory, 75 MHz SPI bus interface
More results


Similar Description - M25P16-VMF3TPB

ManufacturerPart #DatasheetDescription
logo
Micron Technology
M25P40 MICRON-M25P40_12 Datasheet
785Kb / 59P
Micron M25P40 Serial Flash Embedded Memory
M25P20-VMN6TPB MICRON-M25P20-VMN6TPB Datasheet
592Kb / 45P
Micron M25P20 2Mb 3V Serial Flash Embedded Memory
M25PX16-VMW6TG MICRON-M25PX16-VMW6TG Datasheet
732Kb / 56P
Micron M25PX16 Serial Flash Embedded Memory
M25P32-VMW3TGB MICRON-M25P32-VMW3TGB Datasheet
658Kb / 50P
Micron M25P32 Serial Flash Embedded Memory
M25P16-VMN6PBA MICRON-M25P16-VMN6PBA Datasheet
705Kb / 53P
Micron M25P16 Serial Flash Embedded Memory
M25P20-VMN6TPBA MICRON-M25P20-VMN6TPBA Datasheet
497Kb / 45P
Micron M25P20 2Mb 3V Serial Flash Embedded Memory
M25PX64-VMF MICRON-M25PX64-VMF Datasheet
755Kb / 56P
Micron M25PX64 Serial Flash Embedded Memory
M25PX64-VME6G MICRON-M25PX64-VME6G Datasheet
755Kb / 56P
Micron M25PX64 Serial Flash Embedded Memory
M29F800FB55N3E2 MICRON-M29F800FB55N3E2 Datasheet
689Kb / 55P
Micron Parallel NOR Flash Embedded Memory
MT25QL256 MICRON-MT25QL256 Datasheet
1Mb / 97P
Micron Serial NOR Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com