Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE425S01 Datasheet (PDF) - California Eastern Labs

NE425S01 Datasheet PDF - California Eastern Labs
Part # NE425S01
Download  NE425S01 Download
File Size   52.2 Kbytes
Page   5 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET

NE425S01 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE425S01 Datasheet PDF - California Eastern Labs

Part # NE425S01
Download  NE425S01 Click to download

File Size   52.2 Kbytes
Page   5 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET

NE425S01 Datasheet (HTML) - California Eastern Labs


NE425S01 Product details

DESCRIPTION
The NE425S01 is a Hetero-Junction FET that utilizes the hetero junction to create high mobility electrons. Its excellent low noise and high associated gain make it suitable for DBS and other commercial applications.
NECs stringent quality assurance and test procedures assure the highest reliability and performance.

FEATURES
• SUPER LOW NOISE FIGURE: 0.60 dB TYP at 12 GHz
• HIGH ASSOCIATED GAIN: 12.0 dB TYP at f = 12 GHz
• GATE LENGTH: ≤ 0.20 µm
• GATE WIDTH: 200 µm
• LOW COST PLASTIC PACKAGE




Similar Part No. - NE425S01

ManufacturerPart #DatasheetDescription
logo
NEC
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
51Kb / 5P
C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01-T1 NEC-NE425S01-T1 Datasheet
57Kb / 12P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01-T1 NEC-NE425S01-T1 Datasheet
51Kb / 5P
C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01-T1B NEC-NE425S01-T1B Datasheet
57Kb / 12P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Similar Description - NE425S01

ManufacturerPart #DatasheetDescription
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01 Datasheet
60Kb / 12P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE429M01 NEC-NE429M01 Datasheet
50Kb / 12P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01_98 Datasheet
51Kb / 5P
C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01 CEL-NE325S01 Datasheet
52Kb / 5P
C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com