Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX6414EH Datasheet (PDF) - California Eastern Labs

NX6414EH Datasheet PDF - California Eastern Labs
Part # NX6414EH
Download  NX6414EH Download
File Size   173.92 Kbytes
Page   8 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE

NX6414EH Datasheet (PDF)

Go To PDF Page Download Datasheet
NX6414EH Datasheet PDF - California Eastern Labs

Part # NX6414EH
Download  NX6414EH Click to download

File Size   173.92 Kbytes
Page   8 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE

NX6414EH Datasheet (HTML) - California Eastern Labs




Similar Part No. - NX6414EH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX6414EH RENESAS-NX6414EH Datasheet
173Kb / 8P
LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE FOR GIGABIT ETHERNET AND Point to Point APPLICATION
NX6414EH RENESAS-NX6414EH_15 Datasheet
165Kb / 8P
LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE FOR GIGABIT ETHERNET AND Point to Point APPLICATION
More results


Similar Description - NX6414EH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX6410GH RENESAS-NX6410GH Datasheet
178Kb / 8P
LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE FOR 2.5 Gb/s FTTH PON APPLICATION
NX6411GH RENESAS-NX6411GH Datasheet
177Kb / 8P
LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE FOR 2.5 Gb/s FTTH PON APPLICATION
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
NX6410GH RENESAS-NX6410GH_15 Datasheet
170Kb / 8P
LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE FOR 2.5 Gb/s FTTH PON APPLICATION
NX6411GH RENESAS-NX6411GH_15 Datasheet
170Kb / 8P
LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE FOR 2.5 Gb/s FTTH PON APPLICATION
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com