Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4703 Datasheet (PDF) - California Eastern Labs

2SC4703 Datasheet PDF - California Eastern Labs
Part # 2SC4703
Download  2SC4703 Download
File Size   163.77 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 3-PIN POWER MINIMOLD

2SC4703 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4703 Datasheet PDF - California Eastern Labs

Part # 2SC4703
Download  2SC4703 Click to download

File Size   163.77 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 3-PIN POWER MINIMOLD

2SC4703 Datasheet (HTML) - California Eastern Labs


2SC4703 Product details

DESCRIPTION
The NE46234 / 2SC4703 is designed for low distortion, low noise RF amplifier operating with low supply voltage (VCE = 5 V). This low distortion characteristic makes it suitable for CATV, tele-communication and other use. It employs surface mount type plastic package, power mini mold (SOT-89).

FEATURES
• Low distortion, low voltage: IM2 = 55 dBc TYP., IM3 = 76 dBc TYP. @ VCE = 5 V, IC = 50 mA, VO = 105 dBV/75Ω
• Large Ptot : Ptot = 1.8 W (Mounted on double-sided copper-clad 16 cm2  0.7 mm (t) ceramic substrate)
• Small package : 3-pin power mini mold package




Similar Part No. - 2SC4703

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4703 NEC-2SC4703 Datasheet
66Kb / 8P
MICROWAVE LOW NOISE, LOW DISTORTION AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC4703 RENESAS-2SC4703 Datasheet
181Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR
logo
Inchange Semiconductor ...
2SC4703 ISC-2SC4703 Datasheet
269Kb / 2P
isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
2SC4703-A RENESAS-2SC4703-A Datasheet
137Kb / 2P
RF & Microwave device
2SC4703-T1 RENESAS-2SC4703-T1 Datasheet
181Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR
More results


Similar Description - 2SC4703

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC3357 RENESAS-2SC3357 Datasheet
218Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
2SC4226-T1-A RENESAS-2SC4226-T1-A Datasheet
149Kb / 8P
NPN Silicon RF Transistor NPN Epitaxial Silicon RF Transistor for High-Frequency Low-Noise Amplification 3-pin super Minimold
logo
California Eastern Labs
2SC5337 CEL-2SC5337 Datasheet
877Kb / 6P
NPN Silicon RF Transistor for High-Frequency Low Distortion Amplifier 4-Pin Power Minimold
logo
Renesas Technology Corp
2SC5337 RENESAS-2SC5337_15 Datasheet
99Kb / 7P
NPN Silicon RF Transistor for High-Frequency Low Distortion Amplifier 4-Pin Power Minimold
2SC4227 RENESAS-2SC4227_15 Datasheet
202Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN MINIMOLD
2SC4228 RENESAS-2SC4228_15 Datasheet
202Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN SUPER MINIMOLD
2SC4536 RENESAS-2SC4536_15 Datasheet
181Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
2SC4703 RENESAS-2SC4703_15 Datasheet
181Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 3-PIN POWER MINIMOLD
2SC5336 RENESAS-2SC5336_15 Datasheet
180Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 4-PIN POWER MINIMOLD
2SC5338 RENESAS-2SC5338_15 Datasheet
186Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 4-PIN POWER MINIMOLD
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com