Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE661M4 Datasheet (PDF) - California Eastern Labs

NE661M4 Datasheet PDF - California Eastern Labs
Part # NE661M4
Download  NE661M4 Download
File Size   227.74 Kbytes
Page   10 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NPN SILICON HIGH FREQUENCY TRANSISTOR

NE661M4 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE661M4 Datasheet PDF - California Eastern Labs

Part # NE661M4
Download  NE661M4 Click to download

File Size   227.74 Kbytes
Page   10 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NPN SILICON HIGH FREQUENCY TRANSISTOR

NE661M4 Datasheet (HTML) - California Eastern Labs


NE661M4 Product details

DESCRIPTION
NECs NE661M04 is fabricated using NECs UHS0 25 GHz fT wafer process. With a typical transition frequency of 25 GHz the NE661M04 is usable in applications from 100 MHz to 10 GHz. The NE661M04 provides excellent low voltage/low current performance.
NECs new low profile/flat lead style "M04" package is ideal for todays portable wireless applications. The NE661M04 is an ideal choice for LNA and oscillator requirements in all mobile communication systems.

FEATURES
• HIGH GAIN BANDWIDTH: fT = 25 GHz
• HIGH POWER GAIN: IS21EI2 = 17 dB TYP at 2 GHz
• LOW NOISE FIGURE: NF = 1.2 dB at 2 GHz
• HIGH MAXIMUM STABLE GAIN: 22 dB @ 2 GHz
• NEW LOW PROFILE M04 PACKAGE:
   SOT-343 footprint, with a height of just 0.59 mm.
   Flat Lead Style for better RF performance.




Similar Part No. - NE661M4

ManufacturerPart #DatasheetDescription
logo
NEC
NE661M04 NEC-NE661M04 Datasheet
70Kb / 7P
NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
logo
California Eastern Labs
NE661M04 CEL-NE661M04 Datasheet
188Kb / 10P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE661M04-T2 NEC-NE661M04-T2 Datasheet
70Kb / 7P
NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
logo
California Eastern Labs
NE661M04-T2-A CEL-NE661M04-T2-A Datasheet
188Kb / 10P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
NE661M05 RENESAS-NE661M05 Datasheet
301Kb / 15P
NPN SILICON RF TRANSISTOR
2003
More results


Similar Description - NE661M4

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
REV. A
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA810T CEL-UPA810T Datasheet
207Kb / 3P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
MRF586 ASI-MRF586 Datasheet
17Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6376 NJSEMI-2N6376 Datasheet
117Kb / 1P
NPN SILICON HIGH-FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA801T CEL-UPA801T_09 Datasheet
462Kb / 7P
NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA802T CEL-UPA802T_09 Datasheet
606Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM5943 CENTRAL-CM5943_15 Datasheet
97Kb / 2P
NPN SILICON HIGH FREQUENCY TRANSISTOR
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com