Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVPAA202K Datasheet (PDF) - Panasonic Semiconductor

EVPAA202K Datasheet PDF - Panasonic Semiconductor
Part # EVPAA202K
Download  EVPAA202K Download
File Size   79.35 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description External dimensions 3.5 mm2.9 mm, Height 1.7 mm

EVPAA202K Datasheet (PDF)

Go To PDF Page Download Datasheet
EVPAA202K Datasheet PDF - Panasonic Semiconductor

Part # EVPAA202K
Download  EVPAA202K Click to download

File Size   79.35 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description External dimensions 3.5 mm2.9 mm, Height 1.7 mm

EVPAA202K Datasheet (HTML) - Panasonic Semiconductor


EVPAA202K Product details

■ Features
● External dimensions : 3.5 mmx2.9 mm, Height 1.7 mm
● High operating force available (Operating force : 5.0 N max.)
● Optional ground terminal

■ Recommended Applications
● Operation switches for portable electronic equipment (Mobile phones, Digital still cameras, etc.)
● Operating switches for keyless entry systems




Similar Part No. - EVPAA202K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVPAA202K PANASONIC-EVPAA202K Datasheet
146Kb / 8P
LIGHT TOUCH SWITCH
EVPAA202K PANASONIC-EVPAA202K Datasheet
78Kb / 4P
3.5 mm2.9 mm SMD Light Touch Switches
More results


Similar Description - EVPAA202K

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
KW1305A STANLEY-KW1305A Datasheet
295Kb / 13P
3.5 x 3.5 mm (h=1.6 mm) Type White LED
SW1305A STANLEY-SW1305A Datasheet
311Kb / 14P
3.5 x 3.5 mm (h=1.6 mm) Type White LED
logo
Panasonic Semiconductor
EVQ-P7B01K PANASONIC-EVQ-P7B01K Datasheet
144Kb / 4P
3.5 mm2.9 mm Side-operational SMD Light Touch Switches
EVP-AA302K PANASONIC-EVP-AA302K Datasheet
78Kb / 4P
3.5 mm2.9 mm SMD Light Touch Switches
EVQ-PNF04M PANASONIC-EVQ-PNF04M Datasheet
67Kb / 2P
External dimensions 6.0 mm3.5 mm, Height 4.3 mm, 5.0 mm
logo
CUI INC
SJ1-351X CUI-SJ1-351X Datasheet
240Kb / 3P
3.5 mm Audio Jacks
SJ1-351X-SMT CUI-SJ1-351X-SMT Datasheet
231Kb / 4P
3.5 MM AUDIO JACKS
SJ1-353X CUI-SJ1-353X Datasheet
158Kb / 3P
3.5 MM AUDIO JACKS
SJ1-353XN CUI-SJ1-353XN Datasheet
310Kb / 3P
3.5 MM AUDIO JACKS
SJ-3598 CUI-SJ-3598 Datasheet
147Kb / 3P
3.5 MM AUDIO JACK
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com