Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4950 Datasheet (PDF) - Micrel Semiconductor

MIC4950 Datasheet PDF - Micrel Semiconductor
Part # MIC4950
Download  MIC4950 Download
File Size   1168.4 Kbytes
Page   18 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Hyper Speed Control 5A Buck Regulator

MIC4950 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4950 Datasheet PDF - Micrel Semiconductor

Part # MIC4950
Download  MIC4950 Click to download

File Size   1168.4 Kbytes
Page   18 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Hyper Speed Control 5A Buck Regulator

MIC4950 Datasheet (HTML) - Micrel Semiconductor




Similar Part No. - MIC4950

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49500 MICREL-MIC49500 Datasheet
233Kb / 11P
5A Dual Supply, Low Voltage, High Bandwidth LDO
MIC49500-0.9WR MICREL-MIC49500-0.9WR Datasheet
233Kb / 11P
5A Dual Supply, Low Voltage, High Bandwidth LDO
MIC49500-0.9WR MICREL-MIC49500-0.9WR Datasheet
221Kb / 11P
5A Dual Supply, Low Voltage, High Bandwidth LDO
MIC49500-0.9WU MICREL-MIC49500-0.9WU Datasheet
233Kb / 11P
5A Dual Supply, Low Voltage, High Bandwidth LDO
MIC49500-0.9WU MICREL-MIC49500-0.9WU Datasheet
221Kb / 11P
5A Dual Supply, Low Voltage, High Bandwidth LDO
More results


Similar Description - MIC4950

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC26400 MICREL-MIC26400 Datasheet
1Mb / 27P
5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26600 MICREL-MIC26600 Datasheet
961Kb / 28P
7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26950 MICREL-MIC26950 Datasheet
683Kb / 27P
12A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC27600 MICREL-MIC27600 Datasheet
1Mb / 27P
36V, 7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26601 MICREL-MIC26601 Datasheet
1Mb / 30P
28V, 6A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC28500 MICREL-MIC28500 Datasheet
1Mb / 29P
75V/4A Hyper Speed Control??Synchronous DC-DC Buck Regulator
MIC26400 MICREL-MIC26400_11 Datasheet
1Mb / 27P
5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC4930 MICREL-MIC4930 Datasheet
1Mb / 17P
Hyper Speed Control 3A Buck Regulator
logo
Microchip Technology
MIC28514 MICROCHIP-MIC28514 Datasheet
1Mb / 34P
75V/5A Hyper Speed Control® Synchronous DC/DC Buck Regulator with External Soft Start
Revision G June 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com