Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9121 Datasheet (PDF) - California Eastern Labs

PS9121 Datasheet PDF - California Eastern Labs
Part # PS9121
Download  PS9121 Download
File Size   287.39 Kbytes
Page   15 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side

PS9121 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS9121 Datasheet PDF - California Eastern Labs

Part # PS9121
Download  PS9121 Click to download

File Size   287.39 Kbytes
Page   15 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side

PS9121 Datasheet (HTML) - California Eastern Labs




Similar Part No. - PS9121

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PS9121 CALMIRCO-PS9121 Datasheet
2Mb / 7P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP 3.3V HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9121 RENESAS-PS9121 Datasheet
293Kb / 17P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
PS9121 RENESAS-PS9121 Datasheet
301Kb / 17P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
logo
California Eastern Labs
PS9121-A CEL-PS9121-A Datasheet
287Kb / 15P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
logo
California Micro Device...
PS9121-F3 CALMIRCO-PS9121-F3 Datasheet
2Mb / 7P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP 3.3V HIGH-SPEED PHOTOCOUPLER
More results


Similar Description - PS9121

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCD820 FAIRCHILD-FCD820 Datasheet
80Kb / 2P
OPTICALLY-COUPLED ISOLATOR
logo
List of Unclassifed Man...
6N135 ETC-6N135 Datasheet
62Kb / 4P
HIGH SPEED OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
OPTICALLY COUPLED ISOLATOR
H11AV1X ISOCOM-H11AV1X_08 Datasheet
77Kb / 3P
OPTICALLY COUPLED ISOLATOR
logo
California Eastern Labs
PS9122 CEL-PS9122 Datasheet
297Kb / 18P
The PS9122 is an optical coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
PS9117A_V1 CEL-PS9117A_V1 Datasheet
273Kb / 14P
The PS9117A is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side and a photodiode and a signal processing circuit on the output side on one chip.
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com