Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2582 Datasheet (PDF) - NEC

2SD2582 Datasheet PDF - NEC
Part # 2SD2582
Download  2SD2582 Download
File Size   46.53 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTORS

2SD2582 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2582 Datasheet PDF - NEC

Part # 2SD2582
Download  2SD2582 Click to download

File Size   46.53 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTORS

2SD2582 Datasheet (HTML) - NEC


2SD2582 Product details

FEATURES
• Low VCE(sat)
    VCE(sat) = 0.15 V Max (@lC/lB = 0.5 A/25 mA)
• High DC Current Gain
    hFE = 150 to 600 (@VCE = 2.0 V, lC = 0.5 A)




Similar Part No. - 2SD2582

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SD2582 RENESAS-2SD2582 Datasheet
204Kb / 10P
SILICON TRANSISTOR
1996
More results


Similar Description - 2SD2582

ManufacturerPart #DatasheetDescription
logo
NEC
2SB1657 NEC-2SB1657 Datasheet
47Kb / 8P
AUDIO FREQUENCY AMPLIFIER, SWITCHING PNP SILICON EPITAXIAL TRANSISTORS
2SB1658 NEC-2SB1658 Datasheet
47Kb / 8P
AUDIO FREQUENCY AMPLIFIER, SWITCHING PNP SILICON EPITAXIAL TRANSISTORS
2SC3624 NEC-2SC3624 Datasheet
222Kb / 4P
AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC4181 NEC-2SC4181 Datasheet
211Kb / 4P
AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTORS
2SD2228 NEC-2SD2228 Datasheet
279Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR AUDIO FREQUENCY AMPLIFIER
2SD2583 NEC-2SD2583 Datasheet
46Kb / 8P
AUDIO FREQUENCY AMPLIFIER, SWITCHING NOPN SILICON EPITAXIAL TRANSISTORS
logo
Toshiba Semiconductor
2SC4666 TOSHIBA-2SC4666 Datasheet
153Kb / 3P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY AMPLIFIER, SWITCHING APPLICATIONS)
16-Sep-1997
logo
Unisonic Technologies
UTC2SC945 UTC-UTC2SC945 Datasheet
58Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR(AUDIO FREQUENCY AMPLIFIER)
logo
NEC
2SC2958 NEC-2SC2958 Datasheet
168Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR Audio Frequency Power Amplifier
2SC3622A NEC-2SC3622A Datasheet
300Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR Audio Frequency Amplifier,Switching
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com