Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4101C Datasheet (PDF) - Elantec Semiconductor

EL4101C Datasheet PDF - Elantec Semiconductor
Part # EL4101C
Download  EL4101C Download
File Size   61.33 Kbytes
Page   6 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 500MHz Video Front End - 4:1MUX DC-Restore

EL4101C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4101C Datasheet PDF - Elantec Semiconductor

Part # EL4101C
Download  EL4101C Click to download

File Size   61.33 Kbytes
Page   6 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 500MHz Video Front End - 4:1MUX DC-Restore

EL4101C Datasheet (HTML) - Elantec Semiconductor


EL4101C Product details

General Description
The EL4101C VFE (Video Front End) is designed to perform the basic input processing functions in an analog video system as well as provide analog input processing for digital video systems. The EL4101C VFE contains a 4:1 MUX input and a DC-restore amplifier. The MUX input can be used to select which input to use. The DC-restore allows the input signal to be positioned to the correct voltage level for either analog or digital processing. A buffered output of the MUX selection is also available for use as a monitor output.

Features
• 4:1 multiplexer with monitor out
• DC-restore amplifier
• ±5V operation
• 500MHz bandwidth

Applications
• HDTV/DTV analog inputs
• Video projectors
• Computer monitors
• Set top boxes
• Security video
• Broadcast video equipment




Similar Part No. - EL4101C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4102 ELANTEC-EL4102 Datasheet
272Kb / 9P
500MHz Video Front End: 4-1 MUX, VGA & DC-Restore
EL4102C ELANTEC-EL4102C Datasheet
272Kb / 9P
500MHz Video Front End: 4-1 MUX, VGA & DC-Restore
EL4102CU ELANTEC-EL4102CU Datasheet
272Kb / 9P
500MHz Video Front End: 4-1 MUX, VGA & DC-Restore
More results


Similar Description - EL4101C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4102C ELANTEC-EL4102C Datasheet
272Kb / 9P
500MHz Video Front End: 4-1 MUX, VGA & DC-Restore
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
Video Front End
logo
Gennum Corporation
GB4571 GENNUM-GB4571 Datasheet
149Kb / 5P
Video Buffer with Precision Strobed DC Restore
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
Video Front End
July 7, 2004
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Gennum Corporation
GB4551 GENNUM-GB4551 Datasheet
140Kb / 5P
Video Buffer with Strobed DC Restore
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_06 Datasheet
365Kb / 19P
Video Front End
April 28, 2006
EL4501 INTERSIL-EL4501_10 Datasheet
469Kb / 19P
Video Front End (VFE)
November 12, 2010
logo
Faraday Technology
ADC-100 FARADAY-ADC-100 Datasheet
187Kb / 5P
VIDEO FRONT-END MODULES
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
Video Front End
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com