Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4430CS Datasheet (PDF) - Elantec Semiconductor

EL4430CS Datasheet PDF - Elantec Semiconductor
Part # EL4430CS
Download  EL4430CS Download
File Size   311.2 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Video Instrumentation Amplifiers

EL4430CS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4430CS Datasheet PDF - Elantec Semiconductor

Part # EL4430CS
Download  EL4430CS Click to download

File Size   311.2 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Video Instrumentation Amplifiers

EL4430CS Datasheet (HTML) - Elantec Semiconductor


EL4430CS Product details

General Description
The EL4430 and 4431 are video instrumentation amplifiers which are ideal for line receivers, differential-to-single-ended converters, transducer interfacing, and any situation where a differential signal must be extracted from a background of common-mode noise or DC offset.

Features
• Fully differential inputs and feedback
    — Differential input range of ±2V
    — Common-mode range of ±12V
    — High CMRR at 4 MHz of 70 dB
    — Stable at gains of 1, 2
• Calibrated and clean input clipping
• 4430—80 MHz @ G = 1
• 4431—160 MHz GBWP
• 380V/ms slew rate
• 0.02% or ° differential gain or phase
• Operates on ±5 to ±15V supplies with no AC degradation

Applications
• Line receivers
• ‘‘Loop-through’’ interface
• Level translation
• Magnetic head pre-amplification
• Differential-to-single-ended conversion




Similar Part No. - EL4430CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4430CS INTERSIL-EL4430CS Datasheet
185Kb / 10P
Video Instrumentation Amplifiers
January 1996
More results


Similar Description - EL4430CS

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Intersil Corporation
EL4430 INTERSIL-EL4430 Datasheet
185Kb / 10P
Video Instrumentation Amplifiers
January 1996
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
Precision, Low Power Instrumentation Amplifiers
INA331 TI1-INA331_15 Datasheet
990Kb / 22P
INSTRUMENTATION AMPLIFIERS
INA332 TI1-INA332 Datasheet
994Kb / 22P
INSTRUMENTATION AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com