Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4450 Datasheet (PDF) - Elantec Semiconductor

EL4450 Datasheet PDF - Elantec Semiconductor
Part # EL4450
Download  EL4450 Download
File Size   266.28 Kbytes
Page   14 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Wideband Four-Quadrant Multiplier

EL4450 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4450 Datasheet PDF - Elantec Semiconductor

Part # EL4450
Download  EL4450 Click to download

File Size   266.28 Kbytes
Page   14 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Wideband Four-Quadrant Multiplier

EL4450 Datasheet (HTML) - Elantec Semiconductor


EL4450 Product details

General Description
The EL4450C is a complete four-quadrant multiplier circuit. It offers wide bandwidth and good linearity while including a powerful output voltage amplifier, drawing modest supply current.

Features
• Complete four-quadrant multiplier with output amp—requires no extra components
• Good linearity of 0.3%
• 90 MHz bandwidth for both X and Y inputs
• Operates on ±5V to ±15V supplies
• All inputs are differential
• 400V/µs slew rate

Applications
• Modulation/Demodulation
• RMS computation
• Real-time power computation
• Nonlinearity correction/generation




Similar Part No. - EL4450

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
Wideband Four-Quadrant Multiplier
January 1996
EL4450CM INTERSIL-EL4450CM Datasheet
170Kb / 10P
Wideband Four-Quadrant Multiplier
January 1996
EL4450CN INTERSIL-EL4450CN Datasheet
170Kb / 10P
Wideband Four-Quadrant Multiplier
January 1996
More results


Similar Description - EL4450

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Intersil Corporation
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
Wideband Four-Quadrant Multiplier
January 1996
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
MONOLITHIC FOUR-QUADRANT MULTIPLIER
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
Wideband Linear Four-Quadrant Multiplier
logo
Intersil Corporation
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com