Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4583C Datasheet (PDF) - Elantec Semiconductor

EL4583C Datasheet PDF - Elantec Semiconductor
Part # EL4583C
Download  EL4583C Download
File Size   272.86 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Sync Separator, 50% Slice, S-H, Filter, HOUT

EL4583C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4583C Datasheet PDF - Elantec Semiconductor

Part # EL4583C
Download  EL4583C Click to download

File Size   272.86 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Sync Separator, 50% Slice, S-H, Filter, HOUT

EL4583C Datasheet (HTML) - Elantec Semiconductor


EL4583C Product details

General Description
The EL4583C extracts timing from video sync in NTSC, PAL, and SECAM systems, and non standard formats, or from computer graphics operating at higher scan rates. Timing adjustment is via an external resistor. Input without valid vertical interval (no serration pulses) produces a default vertical output.
Outputs are: composite sync, vertical sync, filter, burst/back porch, horizontal, no signal detect, level, and odd/even output (in interlaced scan formats only).
The EL4583C sync slice level is set to the mid-point between sync tip and the blanking level. This 50% point is determined by two internal sample and hold circuits that track sync tip and back porch levels. It provides hum and noise rejection and compensates for input levels of 0.5V to 2.0VP-P.
A built in filter attenuates the chroma signal to prevent color burst from disturbing the 50% sync slice. Cut off frequency is set by a resistor to ground from the Filter Cut Off pin. Additionally, the filter can be by-passed and video signal fed directly to the Video Input.
The level output pin provides a signal with twice the sync amplitude which may be used to control an external AGC function. A TTL/CMOS compatible No Signal Detect Output flags a loss or reduction in input signal level. A resistor sets the Set Detect Level.
The EL4583C is manufactured using Elantec’s high performance analog CMOS process.

Features
• NTSC, PAL, and SECAM sync separation
• Single supply, +5V operation
• Precision 50% slicing
• Built-in programmable color burst filter
• Decodes non-standard vertical
• Horizontal sync output
• Sync. pulse amplitude output
• Same socket can be used for 8-pin EL4581C
• Low-power CMOS
• Detects loss of signal
• Resistor programmable scan rate
• Few external components
• Available in 16-pin PDIP and 16-pin SO (0.150”) packages

Applications
• Video special effects
• Video test equipment
• Video distribution
• Multimedia
• Displays
• Imaging
• Video data capture
• Video triggers




Similar Part No. - EL4583C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4583CN INTERSIL-EL4583CN Datasheet
141Kb / 9P
Sync Separator, 50% Slice, S-H, Filter, Horizontal sync output
June 27, 2005
EL4583CN INTERSIL-EL4583CN Datasheet
178Kb / 10P
Sync Separator, 50% Slice, S-H, Filter, HOUT
May 5, 2006
EL4583CN INTERSIL-EL4583CN Datasheet
319Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
logo
Renesas Technology Corp
EL4583CN RENESAS-EL4583CN Datasheet
541Kb / 11P
Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Intersil Corporation
EL4583CS INTERSIL-EL4583CS Datasheet
141Kb / 9P
Sync Separator, 50% Slice, S-H, Filter, Horizontal sync output
June 27, 2005
More results


Similar Description - EL4583C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4581C ELANTEC-EL4581C Datasheet
209Kb / 12P
Sync Separator, 50% Slice, S-H, Filter
logo
Intersil Corporation
EL4581 INTERSIL-EL4581 Datasheet
108Kb / 9P
Sync Separator, 50% Slice, S-H, Filter
August 16, 2002
EL4583A INTERSIL-EL4583A Datasheet
213Kb / 10P
Sync Separator, 50% Slice, S-H, Filter, HOUT
August 1, 2005
EL4583 INTERSIL-EL4583_06 Datasheet
178Kb / 10P
Sync Separator, 50% Slice, S-H, Filter, HOUT
May 5, 2006
EL4581 INTERSIL-EL4581_08 Datasheet
208Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
February 8, 2008
EL4581 INTERSIL-EL4581_10 Datasheet
361Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
EL4583 INTERSIL-EL4583_10 Datasheet
319Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
EL4583A INTERSIL-EL4583A_10 Datasheet
238Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
logo
Renesas Technology Corp
EL4583 RENESAS-EL4583 Datasheet
541Kb / 11P
Sync Separator, 50% Slice, S-H, Filter, HOUT
EL4583A RENESAS-EL4583A Datasheet
526Kb / 10P
Sync Separator, 50% Slice, S-H, Filter, HOUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com