Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL6242C Datasheet (PDF) - Elantec Semiconductor

EL6242C Datasheet PDF - Elantec Semiconductor
Part # EL6242C
Download  EL6242C Download
File Size   140.39 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 3-Channel Laser Diode Driver w/Oscillator & APC Amplifier

EL6242C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6242C Datasheet PDF - Elantec Semiconductor

Part # EL6242C
Download  EL6242C Click to download

File Size   140.39 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 3-Channel Laser Diode Driver w/Oscillator & APC Amplifier

EL6242C Datasheet (HTML) - Elantec Semiconductor


EL6242C Product details

General Description
The EL6242C is a high-performance three channel laser driver that provides controlled current to a grounded laser diode. Write channels 2 and 3 should be used as the write channels, with switching speeds of approximately one nanosecond rise/fall time. All three channels are summed together at the IOUT output, allowing the user to create multilevel waveforms in order to optimize laser diode performance. The level of the output current is set by an analog voltage applied to an external resistor which converts the voltage into a current at the IIN pin (virtually ground). The current seen at this pin is then amplified to become a current source at pin IOUT.

Features
• Shrink-Small Outline Package
• Voltage-controlled output current source requiring one external set resistor per channel
• Rise time = 0.8ns
• Fall time = 0.8ns
• On chip oscillator with frequency and amplitude control by use of external resistors to ground
• Oscillator to 500MHz
• Oscillator to 100mA pk/pk
• Single +5V supply (±10%)
• Disable feature for power-up protection and power savings
• Fast Settling APC Amplifier

Applications
• CD-RW applications
• Writable optical drives
• Laser diode current switching




Similar Part No. - EL6242C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6240C ELANTEC-EL6240C Datasheet
138Kb / 2P
Dual Laser Driver with APC Amp
EL6240CL ELANTEC-EL6240CL Datasheet
138Kb / 2P
Dual Laser Driver with APC Amp
EL6240CU ELANTEC-EL6240CU Datasheet
138Kb / 2P
Dual Laser Driver with APC Amp
EL6241C ELANTEC-EL6241C Datasheet
138Kb / 2P
Dual Laser Driver with APC Amp
EL6241CL ELANTEC-EL6241CL Datasheet
138Kb / 2P
Dual Laser Driver with APC Amp
More results


Similar Description - EL6242C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6244C ELANTEC-EL6244C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6245C ELANTEC-EL6245C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6248C ELANTEC-EL6248C Datasheet
136Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6258C ELANTEC-EL6258C Datasheet
135Kb / 2P
3-Channel Laser Driver Oscillator APC Amplifier
EL6273C ELANTEC-EL6273C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6283C ELANTEC-EL6283C Datasheet
41Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6288C ELANTEC-EL6288C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Intersil Corporation
EL6173 INTERSIL-EL6173 Datasheet
46Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
June 14, 2004
EL6244 INTERSIL-EL6244 Datasheet
46Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
June 17, 2004
EL6245 INTERSIL-EL6245 Datasheet
46Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
June 17, 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com