Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL6253 Datasheet (PDF) - Elantec Semiconductor

EL6253 Datasheet PDF - Elantec Semiconductor
Part # EL6253
Download  EL6253 Download
File Size   133.57 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 3-Channel Laser Diode Driver Oscillator

EL6253 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6253 Datasheet PDF - Elantec Semiconductor

Part # EL6253
Download  EL6253 Click to download

File Size   133.57 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 3-Channel Laser Diode Driver Oscillator

EL6253 Datasheet (HTML) - Elantec Semiconductor


EL6253 Product details

General Description
The EL6253C is a high-performance three channel laser diode current amplifier that provides controlled current to a grounded laser diode. Amplifiers R and 2 can provide up to 120 mA per channel of DC or pulsed current whereas amplifier 3 can provide up to 240 mA. Channels 2 and 3 must be used as the write channels, with switching speeds of approximately one nanosecond rise/fall time. All three channels are summed together at the IOUT output, allowing the user to create multilevel waveforms in order to optimize laser diode performance. The level of the output current is set by an analog voltage applied to an external resistor which converts the voltage into a current at the IIN pin (virtually ground). The current seen at this pin is then amplified by 100X to become a current source at pin IOUT.
An on-chip 500 MHz oscillator is provided to allow current modulation when in the read mode. This is turned on when the OSCEN pin is held high (floating not recommended). Complete control of amplitude and frequency is set by two external resistors connected to ground at pins RFREQ and RAMP (see graphs in this data sheet for further explanation). The oscillator will also turn off whenever any of the OUTEN pins for channels 2 or 3(the write channels) are low (see truth table).
Output current pulses are enabled when an ‘L’ signal is applied to the OUTEN pin. No output current flows when OUTEN is ‘H’, and additional laser diode protection is provided since the OUTEN input will float high when open. Complete IOUT shut-off is also achieved by holding the ENABLE pin low, which will override the OUTEN control pins.
The external resistors allow the user to accurately and independently set each amplifier transconductance by applying a voltage to each resistor, without restriction on the voltage range, thus ensuring broad voltage DAC compatibility. Alternatively, the IIN pin can be biased from a current DAC or other current source.

Features
• Ultra-Small Package Outline
• Voltage-controlled output current source to 120 mA per channel, requiring one external set resistor per channel
• Current-controlled output current source to 120 mA per channel
• Rise time = 1.0 ns
• Fall time = 1.1 ns
• On chip oscillator with frequency and amplitude control by use of external resistors to ground
• Oscillator to 500 MHz
• Oscillator to 100 mA pk/pk
• Single +5V supply (±10%)
• Current amplification = 100
• Disable feature for power-up protection and power savings
• TTL/CMOS control signals

Applications
• CD-RW applications
• MO drives
• Writable optical drives
• Laser diode current switching




Similar Part No. - EL6253

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6250C ELANTEC-EL6250C Datasheet
134Kb / 2P
Split Supply Laser Driver and Oscillator
EL6250CU ELANTEC-EL6250CU Datasheet
134Kb / 2P
Split Supply Laser Driver and Oscillator
EL6252C ELANTEC-EL6252C Datasheet
39Kb / 2P
2-Channel laser diode Driver Oscillator
EL6252CY ELANTEC-EL6252CY Datasheet
39Kb / 2P
2-Channel laser diode Driver Oscillator
EL6255 ELANTEC-EL6255 Datasheet
133Kb / 2P
4-Channel Laser Diode Driver Oscillator
More results


Similar Description - EL6253

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6247C ELANTEC-EL6247C Datasheet
133Kb / 2P
3-Ch Laser Diode Driver Oscillator
EL6277C ELANTEC-EL6277C Datasheet
40Kb / 2P
3-Channel Laser Diode Driver Oscillator
logo
Analog Devices
AD9662 AD-AD9662 Datasheet
65Kb / 2P
3-Channel Laser Diode Driver with Oscillator
logo
Intersil Corporation
EL6211 INTERSIL-EL6211 Datasheet
23Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 14, 2004
EL6215 INTERSIL-EL6215 Datasheet
94Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 15, 2004
EL6216 INTERSIL-EL6216 Datasheet
22Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 16, 2004
EL6224 INTERSIL-EL6224 Datasheet
119Kb / 2P
3-Channel Laser Diode Driver w/ Oscillator
June 16, 2004
logo
Analog Devices
AD9662ARQZ AD-AD9662ARQZ Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
AD9662ARQZ AD-AD9662ARQZ Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
AD9662 AD-AD9662_15 Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com