Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7232C Datasheet (PDF) - Elantec Semiconductor

EL7232C Datasheet PDF - Elantec Semiconductor
Part # EL7232C
Download  EL7232C Download
File Size   199.03 Kbytes
Page   8 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Dual Channel, High Speed, High Current Line Driver w/3-State

EL7232C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7232C Datasheet PDF - Elantec Semiconductor

Part # EL7232C
Download  EL7232C Click to download

File Size   199.03 Kbytes
Page   8 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Dual Channel, High Speed, High Current Line Driver w/3-State

EL7232C Datasheet (HTML) - Elantec Semiconductor


EL7232C Product details

General Description
The EL7232C 3-state drivers are particularly well suited for ATE and microprocessor based applications. The low quiescent power dissipation makes this part attractive in battery applications. The 2A peak drive capability, makes the EL7232C an excellent choice when driving high speed capacitive lines, as well. The input circuitry provides level shifting from TTL levels to the supply rails. The EL7232C is available in 8-pin P-DIP and 8-lead SO packages.

Features
• 3-State output
• 3V and 5V input compatible
• Clocking speeds up to 10 MHz
• 20 ns Switching/delay time
• 2A Peak drive
• Low, matched output impedance—5Ω
• Low quiescent current—2.5 mA
• Wide operating voltage—4.5V--16V

Applications
• Parallel bus line drivers
• EPROM and PROM programming
• Motor controls
• Charge pumps
• Sampling circuits
• Pin drivers
• Bridge circuits




Similar Part No. - EL7232C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7232CN INTERSIL-EL7232CN Datasheet
113Kb / 6P
Dual Channel, High Speed, High Current Line Driver w/3-State
April 11, 2005
EL7232CN INTERSIL-EL7232CN Datasheet
213Kb / 8P
Dual Channel, High Speed, High Current Line Driver with 3-State
July 5, 2006
EL7232CN INTERSIL-EL7232CN Datasheet
224Kb / 7P
Dual Channel, High Speed, High Current Line Driver with 3-State
December 14, 2007
logo
Renesas Technology Corp
EL7232CN RENESAS-EL7232CN Datasheet
481Kb / 8P
Dual Channel, High Speed, High Current Line Driver with 3-State
logo
Intersil Corporation
EL7232CNZ INTERSIL-EL7232CNZ Datasheet
213Kb / 8P
Dual Channel, High Speed, High Current Line Driver with 3-State
July 5, 2006
More results


Similar Description - EL7232C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9638C TI-UA9638C Datasheet
78Kb / 5P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
EL7232 INTERSIL-EL7232 Datasheet
113Kb / 6P
Dual Channel, High Speed, High Current Line Driver w/3-State
April 11, 2005
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
logo
Intersil Corporation
EL7232 INTERSIL-EL7232_06 Datasheet
213Kb / 8P
Dual Channel, High Speed, High Current Line Driver with 3-State
July 5, 2006
logo
NXP Semiconductors
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
logo
Texas Instruments
UA9638C-EP TI1-UA9638C-EP Datasheet
517Kb / 10P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C TI1-UA9638C_12 Datasheet
411Kb / 12P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
EL7232CN INTERSIL-EL7232CN Datasheet
224Kb / 7P
Dual Channel, High Speed, High Current Line Driver with 3-State
December 14, 2007
logo
Texas Instruments
UA9638C-EP TI1-UA9638C-EP_14 Datasheet
518Kb / 11P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Renesas Technology Corp
EL7232 RENESAS-EL7232 Datasheet
481Kb / 8P
Dual Channel, High Speed, High Current Line Driver with 3-State
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com