Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT560TC Datasheet (PDF) - Diodes Incorporated

FMMT560TC Datasheet PDF - Diodes Incorporated
Part # FMMT560TC
Download  FMMT560TC Download
File Size   478.39 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23

FMMT560TC Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT560TC Datasheet PDF - Diodes Incorporated

Part # FMMT560TC
Download  FMMT560TC Click to download

File Size   478.39 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23

FMMT560TC Datasheet (HTML) - Diodes Incorporated


FMMT560TC Product details

Features
• BVCEO > -500V
• IC = -150mA high Continuous Collector Current
• ICM Up to 500mA Peak Pulse Current
• Excellent hFE Characteristics up to IC = 100mA
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FMMT560TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT560TC DIODES-FMMT560TC Datasheet
833Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR
Rev 7
More results


Similar Description - FMMT560TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT558 DIODES-FMMT558_13 Datasheet
406Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
FMMT593 DIODES-FMMT593_13 Datasheet
341Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
FMMT459 DIODES-FMMT459_15 Datasheet
300Kb / 7P
500V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev erse
FMMT459Q DIODES-FMMT459Q_15 Datasheet
301Kb / 7P
500V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev erse
FMMT558 DIODES-FMMT558_15 Datasheet
406Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
FMMT560 DIODES-FMMT560_15 Datasheet
478Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 6
FMMT560Q DIODES-FMMT560Q_15 Datasheet
479Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 1
FMMT593 DIODES-FMMT593_15 Datasheet
341Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
FMMT597 DIODES-FMMT597_15 Datasheet
617Kb / 7P
300V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 4
FMMT560Q DIODES-FMMT560Q Datasheet
569Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev. 2 - 2 11 February 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com