Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7571C Datasheet (PDF) - Elantec Semiconductor

EL7571C Datasheet PDF - Elantec Semiconductor
Part # EL7571C
Download  EL7571C Download
File Size   480.14 Kbytes
Page   23 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Programmable PWM Controller

EL7571C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7571C Datasheet PDF - Elantec Semiconductor

Part # EL7571C
Download  EL7571C Click to download

File Size   480.14 Kbytes
Page   23 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Programmable PWM Controller

EL7571C Datasheet (HTML) - Elantec Semiconductor


EL7571C Product details

General Description
The EL7571C is a flexible, high efficiency, current mode, PWM step down controller. It incorporates five bit DAC adjustable output voltage control which conforms to the Intel Voltage Regulation Module (VRM) Specification for Pentium® II and Pentium® Pro class processors. The controller employs synchronous rectification to deliver efficiencies greater than 90% over a wide range of supply voltages and load conditions. The on-board oscillator frequency is externally adjustable, or may be slaved to a system clock, allowing optimization of RFI performance in critical applications.

Features
• Pentium® II Compatible
• 5 bit DAC Controlled Output Voltage
• Greater than 90% Efficiency
• 4.5V to 12.6V Input Range
• Dual NMOS Power FET Drivers
• Fixed frequency, Current Mode Control
• Adjustable Oscillator with External Sync. Capability
• Synchronous Switching
• Internal Soft-Start
• User Adjustable Slope Compensation
• Pulse by Pulse Current Limiting
• 1% Typical Output Accuracy
• Power Good Signal
• Output Power Down
• Over Voltage Protection

Applications
• Pentium® II Voltage Regulation Modules (VRMs)
• PC Motherboards
• DC/DC Converters
• GTL Bus Termination
• Secondary Regulation




Similar Part No. - EL7571C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7571CM INTERSIL-EL7571CM Datasheet
310Kb / 19P
Programmable PWM Controller
October 25, 2004
logo
Renesas Technology Corp
EL7571CM RENESAS-EL7571CM Datasheet
847Kb / 19P
Programmable PWM Controller
logo
Intersil Corporation
EL7571CM-T13 INTERSIL-EL7571CM-T13 Datasheet
310Kb / 19P
Programmable PWM Controller
October 25, 2004
logo
Renesas Technology Corp
EL7571CM-T13 RENESAS-EL7571CM-T13 Datasheet
847Kb / 19P
Programmable PWM Controller
logo
Intersil Corporation
EL7571CMZ INTERSIL-EL7571CMZ Datasheet
310Kb / 19P
Programmable PWM Controller
October 25, 2004
More results


Similar Description - EL7571C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1841 TI-UC1841 Datasheet
923Kb / 9P
Programmable, Off-Line, PWM Controller
UC1851 TI-UC1851 Datasheet
576Kb / 7P
Programmable, Off-Line, PWM Controller
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
Programmable Maximum Duty Cycle PWM Controller
logo
STMicroelectronics
UC1840 STMICROELECTRONICS-UC1840 Datasheet
447Kb / 10P
PROGRAMMABLE, OFF-LIINE, PWM CONTROLLER
logo
Intersil Corporation
EL7571 INTERSIL-EL7571 Datasheet
310Kb / 19P
Programmable PWM Controller
October 25, 2004
logo
ams AG
AS8846 AMSCO-AS8846 Datasheet
1Mb / 35P
Programmable PWM DC Motor Driver / Controller
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
Programmable, Off-Line, PWM Controller
SLUS226 TI1-SLUS226 Datasheet
772Kb / 11P
Programmable, Off-Line, PWM Controller
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
Programmable Maximum Duyt Cycle PWM Controller
logo
Renesas Technology Corp
EL7571 RENESAS-EL7571 Datasheet
847Kb / 19P
Programmable PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com