Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86E44 Datasheet (PDF) - Zilog, Inc.

Z86E44 Datasheet PDF - Zilog, Inc.
Part # Z86E44
Download  Z86E44 Download
File Size   33.99 Kbytes
Page   10 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description PRELIMINARY CUSTOMER PROCUREMENT SPECIFICATION

Z86E44 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86E44 Datasheet PDF - Zilog, Inc.

Part # Z86E44
Download  Z86E44 Click to download

File Size   33.99 Kbytes
Page   10 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description PRELIMINARY CUSTOMER PROCUREMENT SPECIFICATION

Z86E44 Datasheet (HTML) - Zilog, Inc.


Z86E44 Product details

Architectural Overview
Zilog’s Z86E33/733/E34, E43/743/E44 8-Bit One-Time Programmable (OTP) Microcontrollers are members of Zilog’s single-chip Z8® MCU family featuring enhanced wake-up circuitry, programmable Watchdog Timers, Low Noise EMI options, and easy hardware/software system expansion capability.

Features
• Standard Temperature (VCC = 3.5 V to 5.5 V)
• Extended Temperature (VCC = 3.5 V to 5.5 V)
• Available Packages:
   – 28-Pin DIP/SOIC/PLCC OTP (E33/733/E34)
   – 40-Pin DIP OTP (E43/743/E44)
   – 44-Pin PLCC/LQFP OTP (E43/743/E44)
• Software Enabled Watchdog Timer (WDT)
• Push-Pull/Open-Drain Programmable
   on Port 0, Port 1, and Port 2
• 24/32 Input/Output Lines
• Clock-Free WDT Reset
• Auto Power-On Reset (POR)
• Programmable OTP Options:
   – RC Oscillator
   – EPROM Protect
   – Auto Latch Disable
   – Permanently Enabled WDT
   – Crystal Oscillator Feedback Resistor Disable
   – RAM Protect
• Low-Power Consumption: 60 mW
• Fast Instruction Pointer: 0.75 µs
• Two Standby Modes: STOP and HALT
• Digital Inputs CMOS Levels, Schmitt-Triggered
• Software Programmable Low EMI Mode
• Two Programmable 8-Bit Counter/Timers
   Each with a 6-Bit Programmable Prescaler
• Six Vectored, Priority Interrupts
   from Six Different Sources
• Two Comparators
• On-Chip Oscillator that Accepts a Crystal,
   Ceramic Resonator, LC, RC, or External Clock Drive




Similar Part No. - Z86E44

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E44 ZILOG-Z86E44 Datasheet
45Kb / 10P
CMOS Z8 OTP Microcontrollers
More results


Similar Description - Z86E44

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC104S1 ETC1-LC104S1 Datasheet
708Kb / 28P
PRELIMINARY SPECIFICATION
logo
Vectron International, ...
TFS43A VECTRON-TFS43A Datasheet
68Kb / 5P
Preliminary Specification
TFS85F VECTRON-TFS85F Datasheet
127Kb / 5P
Preliminary specification
TFS868B VECTRON-TFS868B Datasheet
72Kb / 5P
Preliminary specification
TFS1960 VECTRON-TFS1960 Datasheet
74Kb / 5P
Preliminary Specification
TFS100C VECTRON-TFS100C Datasheet
39Kb / 5P
Preliminary Specification
TFS525 VECTRON-TFS525 Datasheet
73Kb / 5P
Preliminary specification
logo
Zilog, Inc.
Z08470 ZILOG-Z08470 Datasheet
69Kb / 2P
Customer Procurement Spec(CPS)
logo
Shenzhen TOPWAY Technol...
LMT040DNPFWD TOPWAY-LMT040DNPFWD Datasheet
1Mb / 23P
Preliminary Specification
LMT070DNDFWD TOPWAY-LMT070DNDFWD Datasheet
1Mb / 21P
Preliminary Specification
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com