Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBS21RC2ACNA Datasheet (PDF) - Elpida Memory

EBS21RC2ACNA Datasheet PDF - Elpida Memory
Part # EBS21RC2ACNA
Download  EBS21RC2ACNA Download
File Size   149.15 Kbytes
Page   15 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 2GB Registered SDRAM DIMM

EBS21RC2ACNA Datasheet (PDF)

Go To PDF Page Download Datasheet
EBS21RC2ACNA Datasheet PDF - Elpida Memory

Part # EBS21RC2ACNA
Download  EBS21RC2ACNA Click to download

File Size   149.15 Kbytes
Page   15 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 2GB Registered SDRAM DIMM

EBS21RC2ACNA Datasheet (HTML) - Elpida Memory


EBS21RC2ACNA Product details

Description
The EBS21RC2ACNA is 256M words × 72 bits, 2 banks Synchronous Dynamic RAM Registered Module, mounted 72 pieces of 256M bits SDRAM sealed in TCP package. This module provides high density and large quantities of memory in a small space without utilizing the surface mounting technology. Decoupling capacitors are mounted on power supply line for noise reduction.

Features
• Fully compatible with 8 bytes DIMM: JEDEC standard outline
• 168-pin socket type dual in line memory module (DIMM)
    - PCB height: 41.91mm (1.65inch )
    - Lead pitch: 1.27mm
• 3.3V power supply
• Clock frequency: 133MHz (max.)
• LVTTL interface
• Data bus width: × 72 ECC
• Single pulsed /RAS
• 4 Banks can operates simultaneously and independently
• Burst read/write operation and burst read/single write operation capability
• Programmable burst length (BL): 1, 2, 4, 8
• 2 variations of burst sequence
    - Sequential
    - Interleave
• Programmable /CAS latency (CL): 2, 3
• Registered inputs with one clock delay
• Byte control by DQMB
• Refresh cycles: 8192 refresh cycles/64ms
• 2 variations of refresh
    - Auto refresh
    - Self refresh
• 1 piece of PLL clock driver, 3 pieces of register driver and 1 piece of serial EEPROM (2k bits) for Presence Detect (SPD) on PCB.




Similar Part No. - EBS21RC2ACNA

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EBS20A ADAM-TECH-EBS20A Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
EBS20B ADAM-TECH-EBS20B Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
EBS20H ADAM-TECH-EBS20H Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
EBS20J ADAM-TECH-EBS20J Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
EBS20K ADAM-TECH-EBS20K Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
More results


Similar Description - EBS21RC2ACNA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD21RD4ABNA ELPIDA-EBD21RD4ABNA Datasheet
177Kb / 19P
2GB Registered DDR SDRAM DIMM
EBE21AE8ACFA ELPIDA-EBE21AE8ACFA Datasheet
243Kb / 27P
2GB Registered DDR2 SDRAM DIMM
EBJ20RE4BAFA ELPIDA-EBJ20RE4BAFA Datasheet
229Kb / 20P
2GB Registered DDR3 SDRAM DIMM
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
2GB Registered DDR2 SDRAM DIMM
EBE21RD4AJFA ELPIDA-EBE21RD4AJFA Datasheet
261Kb / 30P
2GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
2GB Registered DDR2 SDRAM DIMM
EBE21AD4AGFA ELPIDA-EBE21AD4AGFA Datasheet
209Kb / 23P
2GB Registered DDR2 SDRAM DIMM
EBE20AE4ABFA ELPIDA-EBE20AE4ABFA Datasheet
236Kb / 27P
2GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEP02G72E2BF2SA-37R ETC2-SEP02G72E2BF2SA-37R Datasheet
793Kb / 14P
2GB DDR2 ??SDRAM registered DIMM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com