Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDS2504ACTA Datasheet (PDF) - Elpida Memory

EDS2504ACTA Datasheet PDF - Elpida Memory
Part # EDS2504ACTA
Download  EDS2504ACTA Download
File Size   559.74 Kbytes
Page   51 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 256M bits SDRAM

EDS2504ACTA Datasheet (PDF)

Go To PDF Page Download Datasheet
EDS2504ACTA Datasheet PDF - Elpida Memory

Part # EDS2504ACTA
Download  EDS2504ACTA Click to download

File Size   559.74 Kbytes
Page   51 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 256M bits SDRAM

EDS2504ACTA Datasheet (HTML) - Elpida Memory


EDS2504ACTA Product details

Description
The EDS2504AC/AP is a 256M bits SDRAM organized as 16,777,216 words × 4 bits × 4 banks. The EDS2508 AC/AP is a 256M bits SDRAM organized as 8,388,608 words × 8 bits × 4 banks. The EDS2516 AC/AP is a 256M bits SDRAM organized as 4194304 words × 16 bits × 4 banks. All inputs and outputs are referred to the rising edge of the clock input. It is packaged in standard 54-pin plastic TSOP (II).

Features
• 3.3V power supply
• Clock frequency: 133MHz (max.)
• LVTTL interface
• Single pulsed /RAS
• 4 banks can operate simultaneously and independently
• Burst read/write operation and burst read/single write operation capability
• Programmable burst length* (BL): 1, 2, 4, 8
• 2 variations of burst sequence
 - Sequential (BL = 1, 2, 4, 8)
 - Interleave (BL = 1, 2, 4, 8)
• Programmable /CAS latency (CL): 2, 3
• Byte control by DQM
   : DQM (EDS2504AC/AP, EDS2508AC/AP)
   : UDQM, LDQM (EDS2516AC/AP)
• Refresh cycles: 8192 refresh cycles/64ms
• 2 variations of refresh
 - Auto refresh
 - Self refresh




Similar Part No. - EDS2504ACTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2504APTA ELPIDA-EDS2504APTA Datasheet
544Kb / 51P
256M bits SDRAM WTR (Wide Temperature Range)
EDS2504APTA-75TI ELPIDA-EDS2504APTA-75TI Datasheet
544Kb / 51P
256M bits SDRAM WTR (Wide Temperature Range)
EDS2504APTA-7ATI ELPIDA-EDS2504APTA-7ATI Datasheet
544Kb / 51P
256M bits SDRAM WTR (Wide Temperature Range)
EDS2504APTA-TI ELPIDA-EDS2504APTA-TI Datasheet
544Kb / 51P
256M bits SDRAM WTR (Wide Temperature Range)
More results


Similar Description - EDS2504ACTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2516AFTA ELPIDA-EDS2516AFTA Datasheet
613Kb / 50P
256M bits SDRAM
EDS2532EESL-75 ELPIDA-EDS2532EESL-75 Datasheet
753Kb / 50P
256M bits SDRAM
EDS2532JEBH-6B ELPIDA-EDS2532JEBH-6B Datasheet
641Kb / 50P
256M bits SDRAM
EDS2508ADTA ELPIDA-EDS2508ADTA Datasheet
724Kb / 50P
256M bits SDRAM
EDS2732CABJ ELPIDA-EDS2732CABJ Datasheet
642Kb / 48P
256M bits SDRAM
EDS2532AABH-1AR2 ELPIDA-EDS2532AABH-1AR2 Datasheet
613Kb / 48P
256M bits SDRAM
EDS2532CASG ELPIDA-EDS2532CASG Datasheet
649Kb / 48P
256M bits SDRAM
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
256M bits DDR SDRAM 256M bits DDR SDRAM
EDS2516APTA ELPIDA-EDS2516APTA Datasheet
656Kb / 53P
256M bits SDRAM
EDS2508AFTA-7A ELPIDA-EDS2508AFTA-7A Datasheet
740Kb / 50P
256M bits SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com