Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB52RF649DC Datasheet (PDF) - Elpida Memory

HB52RF649DC Datasheet PDF - Elpida Memory
Part # HB52RF649DC
Download  HB52RF649DC Download
File Size   464.02 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 512MB Unbuffered SDRAM S.O.DIMM

HB52RF649DC Datasheet (PDF)

Go To PDF Page Download Datasheet
HB52RF649DC Datasheet PDF - Elpida Memory

Part # HB52RF649DC
Download  HB52RF649DC Click to download

File Size   464.02 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 512MB Unbuffered SDRAM S.O.DIMM

HB52RF649DC Datasheet (HTML) - Elpida Memory


HB52RF649DC Product details

Description
The HB52RF649DC, HB52RD649DC are a 64M × 72 × 2 banks Synchronous Dynamic RAM Small Outline Dual In-line Memory Module (S.O.DIMM), mounted 18 pieces of 256M bits SDRAM sealed in TCP package and 1 piece of serial EEPROM (2k bits) for Presence Detect (PD). An outline of the products is 144-pin Zig Zag Dual tabs socket type compact and thin package. Therefore, they make high density mounting possible without surface mount technology. They provide common data inputs and outputs. Decoupling capacitors are mounted beside TCP on the module board.

Features
• Fully compatible with: JEDEC standard outline 8 bytes S.O.DIMM
• 144-pin Zig Zag Dual tabs socket type (dual lead out)
    - PCB height: 33.02mm (1.30inch)
    - Lead pitch: 0.80mm
• 3.3V power supply
• Clock frequency: 133MHz/100MHz (max.)
• LVTTL interface
• Data bus width: × 72 ECC
• Single pulsed /RAS
• 4 Banks can operates simultaneously and independently
• Burst read/write operation and burst read/single write operation capability
• Programmable burst length (BL): 1, 2, 4, 8
• 2 variations of burst sequence
    - Sequential
    - Interleave
• Programmable /CE latency (CL): 2, 3
• Byte control by DQMB
• Refresh cycles: 8192 refresh cycles/64ms
• 2 variations of refresh
    - Auto refresh
    - Self refresh
• Low self refresh current
    : HB52RF649DC-xxBL (L-version)
    : HB52RD649DC-xxBL (L-version)




Similar Part No. - HB52RF649DC

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RF649E1U-75B ELPIDA-HB52RF649E1U-75B Datasheet
157Kb / 20P
512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133 SDRAM
More results


Similar Description - HB52RF649DC

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS52UC8APFA ELPIDA-EBS52UC8APFA Datasheet
163Kb / 14P
512MB Unbuffered SDRAM DIMM
EBS52UC8APSA ELPIDA-EBS52UC8APSA Datasheet
147Kb / 14P
512MB SDRAM S.O.DIMM
logo
White Electronic Design...
W3DG6463V-D2 WEDC-W3DG6463V-D2 Datasheet
254Kb / 10P
512MB - 2x32Mx64 SDRAM UNBUFFERED
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
512MB - 64Mx64, SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7267V-D2 WEDC-W3DG7267V-D2 Datasheet
160Kb / 9P
512MB - 2x32Mx72, SDRAM UNBUFFERED
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
512MB- 64Mx72 SDRAM UNBUFFERED
WED3DG6466V-D1 WEDC-WED3DG6466V-D1 Datasheet
144Kb / 7P
512MB -64Mx64 SDRAM UNBUFFERED
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
512MB Unbuffered DDR SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com