Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7473TR Datasheet (PDF) - International Rectifier

IRF7473TR Datasheet PDF - International Rectifier
Part # IRF7473TR
Download  IRF7473TR Download
File Size   177.88 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Telecom and Data-Com 24 and 48V input DC-DC converters

IRF7473TR Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7473TR Datasheet PDF - International Rectifier

Part # IRF7473TR
Download  IRF7473TR Click to download

File Size   177.88 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Telecom and Data-Com 24 and 48V input DC-DC converters

IRF7473TR Datasheet (HTML) - International Rectifier




Similar Part No. - IRF7473TR

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF7473TRPBF ISC-IRF7473TRPBF Datasheet
297Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
IRF7473TRPBF VBSEMI-IRF7473TRPBF Datasheet
1Mb / 9P
N-Channel 100 V (D-S) MOSFET
More results


Similar Description - IRF7473TR

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHE1205S INTERPOINT-MHE1205S Datasheet
174Kb / 11P
DC/DC CONVERTERS 12 AND 28 VOLT INPUT
logo
Bel Fuse Inc.
07CR-15T BEL-07CR-15T Datasheet
125Kb / 5P
ISOLATED DC/DC CONVERTERS 48V Input 8V/15A Output, 1/8 Brick
logo
Unisonic Technologies
2SD2470 UTC-2SD2470 Datasheet
36Kb / 3P
STROBO AND DC/DC CONVERTERS
logo
Crane Aerospace & Elect...
MHE2812S CRANE-MHE2812S Datasheet
134Kb / 9P
DC/DC CONVERTERS 12 AND 28 VOLT INPUT
logo
ORION FANS
OD172SAPL ORIONFANS-OD172SAPL Datasheet
648Kb / 1P
DC Fan - 12, 24, 48V
logo
TDK Electronics
PAF600F TDK-PAF600F Datasheet
225Kb / 2P
24V 48V Input Full brick DC-DC Converters
logo
International Rectifier
IRF7473PBF IRF-IRF7473PBF_15 Datasheet
132Kb / 8P
Telecom and Data-Com 24 and 48V input DC-DC converters
logo
ORION FANS
OD9238VA ORIONFANS-OD9238VA Datasheet
153Kb / 1P
DC Fan - 12V, 24V and 48V
logo
Unisonic Technologies
2SD2470 UTC-2SD2470_15 Datasheet
152Kb / 3P
STROBO AND DC/DC CONVERTERS
logo
Bel Fuse Inc.
STM48 BEL-STM48 Datasheet
1Mb / 30P
48V-to-PoL isolated DC-DC converters
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com