Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAQW412S Datasheet (PDF) - COSMO Electronics Corporation

KAQW412S Datasheet PDF - COSMO  Electronics Corporation
Part # KAQW412S
Download  KAQW412S Download
File Size   632.35 Kbytes
Page   12 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description 8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT

KAQW412S Datasheet (PDF)

Go To PDF Page Download Datasheet
KAQW412S Datasheet PDF - COSMO  Electronics Corporation

Part # KAQW412S
Download  KAQW412S Click to download

File Size   632.35 Kbytes
Page   12 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description 8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT

KAQW412S Datasheet (HTML) - COSMO Electronics Corporation


KAQW412S Product details

Description
The KAQW412 series contains two normally close switches that can be used as two independent SPST relays or as one DPST relay. The relays is constructed using a GaAlAs LED for actuation control and an integrated monolithic dies for the switch output. The die, fabricated in a high-voltage dielectrically isolated technology, is comprised of a photodiode array, switch control circuitry and MOSFET switches.

Features
1. Normally close, double pole single throw
2. Control 60V AC or DC voltage
3. Switch 200mA loads
4. Controls low-level analog signals
5. High sensitivity, low ON resistance
6. Low-level off-state leakage current
7. High isolation voltage
8. Pb free and RoHS compliant
9. Agency Approvals:
    • UL 1577 / CUL C22.2 No.1 & NTC No.5, File No. E169586
    • UL 508 / CUL C22.2 No.14-M91, File No. E108430
    • VDE EN60747-5-2, File No. 40020973

Application
• Telecommunications (PC, electronic notepad)
• Modem
• Telephone equipment
• Security equipment
• Sensors
• Measuring and testing equipment
• Factory automation equipment
• High speed inspection machines




Similar Part No. - KAQW412S

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW412STL COSMO-KAQW412STL Datasheet
276Kb / 12P
8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412STR COSMO-KAQW412STR Datasheet
276Kb / 12P
8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Similar Description - KAQW412S

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV412 COSMO-KAQV412 Datasheet
511Kb / 12P
6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612 Datasheet
488Kb / 12P
8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY412 COSMO-KAQY412 Datasheet
493Kb / 12P
4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412_15 Datasheet
291Kb / 12P
6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW212 COSMO-KAQW212_15 Datasheet
250Kb / 12P
8PIN 60V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412 COSMO-KAQW412_15 Datasheet
276Kb / 12P
8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW414 COSMO-KAQW414_15 Datasheet
247Kb / 12P
8PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612_15 Datasheet
271Kb / 12P
8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY412 COSMO-KAQY412_15 Datasheet
277Kb / 12P
4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com