Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAQW213 Datasheet (PDF) - COSMO Electronics Corporation

KAQW213 Datasheet PDF - COSMO  Electronics Corporation
Part # KAQW213
Download  KAQW213 Download
File Size   480.9 Kbytes
Page   12 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description 8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT

KAQW213 Datasheet (PDF)

Go To PDF Page Download Datasheet
KAQW213 Datasheet PDF - COSMO  Electronics Corporation

Part # KAQW213
Download  KAQW213 Click to download

File Size   480.9 Kbytes
Page   12 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description 8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT

KAQW213 Datasheet (HTML) - COSMO Electronics Corporation


KAQW213 Product details

Description

The KAQW213 series contains two normally open switches that can be used as two independent SPST relays or as one DPST relay. The relays is constructed using a GaAlAs LED for actuation control and an integrated monolithic dies for the switch output. The die, fabricated in a high-voltage dielectrically isolated technology, is comprised of a photodiode array, switch control circuitry and MOSFET switches.



Features

1. Normally open, double pole single throw

2. Control 250V AC or DC voltage

3. Switch 200mA loads

4. Controls low-level analog signals

5. High sensitivity, low ON resistance

6. Low-level off-state leakage current

7. High isolation voltage

8. Pb free and RoHS compliant

9. Agency Approvals:

   • UL1577 / CUL C22.2 No.1 & NTC No.5, File No. E169586

   • UL 508 / CUL C22.2 No.14-M91, File No. E108430

   • VDE EN60747-5-2 , File No. 40020973



Application

• Telecommunications (PC, electronic notepad)

• Modem

• Telephone equipment

• Security equipment

• Sensors

• Measuring and testing equipment

• Factory automation equipment

• High speed inspection machines



 




Similar Part No. - KAQW213

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW213A COSMO-KAQW213A Datasheet
174Kb / 7P
PRODUCT SPECIFICATION
KAQW213ATL COSMO-KAQW213ATL Datasheet
261Kb / 12P
8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW213ATR COSMO-KAQW213ATR Datasheet
261Kb / 12P
8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW213H COSMO-KAQW213H Datasheet
214Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQW213STL COSMO-KAQW213STL Datasheet
261Kb / 12P
8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Similar Description - KAQW213

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW216 COSMO-KAQW216 Datasheet
467Kb / 12P
8PIN 600V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612 Datasheet
488Kb / 12P
8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW210 COSMO-KAQW210_15 Datasheet
248Kb / 12P
8PIN 350V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW212 COSMO-KAQW212_15 Datasheet
250Kb / 12P
8PIN 60V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW213 COSMO-KAQW213_15 Datasheet
261Kb / 12P
8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW214 COSMO-KAQW214_15 Datasheet
249Kb / 12P
8PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW216 COSMO-KAQW216_15 Datasheet
249Kb / 12P
8PIN 600V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW217 COSMO-KAQW217_15 Datasheet
249Kb / 12P
8PIN 200V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612_15 Datasheet
271Kb / 12P
8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com