Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAQV214 Datasheet (PDF) - COSMO Electronics Corporation

KAQV214 Datasheet PDF - COSMO  Electronics Corporation
Part # KAQV214
Download  KAQV214 Download
File Size   492.08 Kbytes
Page   12 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description 6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT

KAQV214 Datasheet (PDF)

Go To PDF Page Download Datasheet
KAQV214 Datasheet PDF - COSMO  Electronics Corporation

Part # KAQV214
Download  KAQV214 Click to download

File Size   492.08 Kbytes
Page   12 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description 6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT

KAQV214 Datasheet (HTML) - COSMO Electronics Corporation


KAQV214 Product details

Description
The KAQV214 series is robust, ideal for telecom and ground fault applications. It is a SPST normally open switch (1 Form A) that replaces electromechanical relays in many applications. It is constructed using a GaAlAs LED for actuation control and an integrated monolithic die for the switch output. The die, fabricated in a high-voltage dielectrically isolated technology, is comprised of a photodiode array, switch control circuitry and MOSFET switches.

Features
1. Normally open, single pole single throw
2. Control 400V AC or DC voltage
3. Switch 130mA loads
4. Controls low-level analog signals
5. High sensitivity, low ON resistance
6. Low-level off-state leakage current
7. High isolation voltage
8. Pb free and RoHS compliant
9. Agency Approvals:
    • UL 508 & CUL C22.2 No.14-M91 , File No. E108430
    • FIMKO EN60950

Application
• Telecommunications (PC, electronic notepad)
• Modem
• Telephone equipment
• Security equipment
• Sensors
• Measuring and testing equipment
• Factory automation equipment
• High speed inspection machines




Similar Part No. - KAQV214

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KAQV214 DBLECTRO-KAQV214 Datasheet
139Kb / 2P
High Voltage, Photo Mos Relay
logo
COSMO Electronics Corp...
KAQV214A COSMO-KAQV214A Datasheet
478Kb / 3P
HIGH VOLTAGE, PHOTO EDMOS RELAY
logo
DB Lectro Inc
KAQV214A DBLECTRO-KAQV214A Datasheet
139Kb / 2P
High Voltage, Photo Mos Relay
logo
COSMO Electronics Corp...
KAQV214ATL COSMO-KAQV214ATL Datasheet
272Kb / 12P
6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214ATR COSMO-KAQV214ATR Datasheet
272Kb / 12P
6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Similar Description - KAQV214

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV414 COSMO-KAQV414 Datasheet
489Kb / 12P
6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254 Datasheet
470Kb / 11P
6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV216 COSMO-KAQV216 Datasheet
490Kb / 12P
6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV210 COSMO-KAQV210_15 Datasheet
270Kb / 12P
6PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV212 COSMO-KAQV212_15 Datasheet
264Kb / 12P
6PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV213 COSMO-KAQV213_15 Datasheet
283Kb / 12P
6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214_15 Datasheet
272Kb / 12P
6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV216 COSMO-KAQV216_15 Datasheet
271Kb / 12P
6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254_15 Datasheet
246Kb / 11P
6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV414 COSMO-KAQV414_15 Datasheet
270Kb / 12P
6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com