Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5425401B Datasheet (PDF) - Elpida Memory

HM5425401B Datasheet PDF - Elpida Memory
Part # HM5425401B
Download  HM5425401B Download
File Size   489.7 Kbytes
Page   65 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank/ 16-Mword 횞 4-bit 횞 4-bank

HM5425401B Datasheet (PDF)

Go To PDF Page Download Datasheet
HM5425401B Datasheet PDF - Elpida Memory

Part # HM5425401B
Download  HM5425401B Click to download

File Size   489.7 Kbytes
Page   65 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank/ 16-Mword 횞 4-bit 횞 4-bank

HM5425401B Datasheet (HTML) - Elpida Memory


HM5425401B Product details

Description
The HM5425161B, the HM5425801B and the HM5425401B are the Double Data Rate (DDR) SDRAM devices. Read and write operations are performed at the cross points of the CLK and the CLK. This high speed data transfer is realized by the 2-bit prefetch piplined architecture. Data strobe (DQS) both for read and write are available for high speed and reliable data bus design. By setting extended mode resistor, the on-chip Delay Locked Loop (DLL) can be set enable or disable.

Features
• 2.5 V power supply
• SSTL-2 interface for all inputs and outputs
• Clock frequency: 143 MHz/133 MHz/125 MHz/100 MHz (max)
• Data inputs, outputs, and DM are synchronized with DQS
• 4 banks can operate simultaneously and independently
• Burst read/write operation
• Programmable burst length: 2/4/8
    - Burst read stop capability
• Programmable burst sequence
    - Sequential
    - Interleave
• Start addressing capability
    - Even and Odd
• Programmable CAS latency: 2/2.5
• 8192 refresh cycles: 7.8 µs (64 ms/8192 cycles)
• 2 variations of refresh
    - Auto refresh
    - Self refresh




Similar Part No. - HM5425401B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5425 HMSEMI-HM5425 Datasheet
874Kb / 13P
LiFePO4 battery 2-CELL Protector
More results


Similar Description - HM5425401B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5257165B ELPIDA-HM5257165B Datasheet
463Kb / 62P
512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5259165B ELPIDA-HM5259165B Datasheet
368Kb / 63P
512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
logo
OKI electronic componet...
MD56V62160E OKI-MD56V62160E Datasheet
512Kb / 34P
4-Bank 횞 1,048,576-Word 횞 16-Bit SYNCHRONOUS DYNAMIC RAM
logo
Hitachi Semiconductor
HM5212165F HITACHI-HM5212165F Datasheet
859Kb / 63P
128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
logo
Elpida Memory
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5264165F-75 ELPIDA-HM5264165F-75 Datasheet
514Kb / 65P
64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
logo
Renesas Technology Corp
R1LV1616H-I RENESAS-R1LV1616H-I_15 Datasheet
179Kb / 23P
Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit / 2-Mword 횞 8-bit)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com