Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ204 Datasheet (PDF) - NEC

2SJ204 Datasheet PDF - NEC
Part # 2SJ204
Download  2SJ204 Download
File Size   323.71 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description P-CHANNEL MOS FET FOR SWITCHING

2SJ204 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ204 Datasheet PDF - NEC

Part # 2SJ204
Download  2SJ204 Click to download

File Size   323.71 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description P-CHANNEL MOS FET FOR SWITCHING

2SJ204 Datasheet (HTML) - NEC


2SJ204 Product details

P-CHANNEL MOSFET FOR SWITCHING

The 2SJ204, P-channel vertical type MOS FET, is a switching device which can be driven directly by the output of ICs having a 5 V power source.
As the MOS FET has low on-state resistance and excellent switching characteristics, it is suitable for driving actuators such as motors, relays, and solenoids.

FEATURES
● Directly driven by Ics having a 5V power supply.
● Has low on-state resistance
   RDS(on)=13 Ω MAX.@VGS=-4.0V,ID=-10mA
   RDS(on)=8 Ω MAX.@VGS=-10V,ID=-10mA
● Complemantary to 2SK1584




Similar Part No. - 2SJ204

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ204 KEXIN-2SJ204 Datasheet
43Kb / 1P
MOS Fied Effect Transistor
logo
Renesas Technology Corp
2SJ204 RENESAS-2SJ204 Datasheet
347Kb / 7P
MOS FIELD EFFECT TRANSISTOR
1991
logo
Guangdong Kexin Industr...
2SJ204-3 KEXIN-2SJ204-3 Datasheet
1Mb / 3P
P-Channel MOSFET
logo
VBsemi Electronics Co.,...
2SJ204-T1B-A VBSEMI-2SJ204-T1B-A Datasheet
981Kb / 7P
P-Channel 60 V (D-S) MOSFET
2SJ204-T2B-A VBSEMI-2SJ204-T2B-A Datasheet
980Kb / 7P
P-Channel 60 V (D-S) MOSFET
More results


Similar Description - 2SJ204

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ165 NEC-2SJ165 Datasheet
384Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ196 NEC-2SJ196 Datasheet
386Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ197 NEC-2SJ197 Datasheet
301Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ199 NEC-2SJ199 Datasheet
308Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ202 NEC-2SJ202 Datasheet
406Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ205 NEC-2SJ205 Datasheet
307Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ206 NEC-2SJ206 Datasheet
294Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ209 NEC-2SJ209 Datasheet
422Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ211 NEC-2SJ211 Datasheet
394Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ243 NEC-2SJ243 Datasheet
61Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com