Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM32117 Datasheet (PDF) - ELAN Microelectronics Corp

EM32117 Datasheet PDF - ELAN Microelectronics Corp
Part # EM32117
Download  EM32117 Download
File Size   193.02 Kbytes
Page   21 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 16DIGITLCDDRIVERWITHCHECKTIMEFUNCTION

EM32117 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM32117 Datasheet PDF - ELAN Microelectronics Corp

Part # EM32117
Download  EM32117 Click to download

File Size   193.02 Kbytes
Page   21 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 16DIGITLCDDRIVERWITHCHECKTIMEFUNCTION

EM32117 Datasheet (HTML) - ELAN Microelectronics Corp


EM32117 Product details

GENERAL DESCRIPTION
EM32117 is a CMOS 16-digit LCD panel driver. The EM32117 can receive dialing information such as dialing digits, Pause, Flash, Pulse to Tone mode from EMC EM91465 series dialer IC and display the corresponding pattern on the LCD panel. The EM32117 also supports various indicators such as the icons of STORE, SAVE, Speaker phone (or Hand-Free), Lower or Upper page, Hold, etc. to support high-end feature phone applications. The EM32117 can operate in stand-alone mode to display calendar and real time clock, conversation time (stopwatch). The EM32117 also provides check the last conversation time function.

FEATURES
• ON-HOOK check last conversation time function.
• General flag display function for LOGO indication.
• Low power consumption: 1.5µA (max.)
• Uses single clock 32768 Hz crystal (with built-in capacitor, no need extra capacitor).
• LCD blank 2 sec after OFF-HOOK, to protect the STW data.
• Built-in serial data interface (compatiable with EM91465 series).
• Driver for 4.5-volt, 16-digit, 1/4 duty , 1/3 bias LCD panel with built-in voltage tripler circuit.
• Display dialing phone number.
• Display calendar and real time clock (RTC) in 12 hour or 24 hour format.
• Stopwatch function for counting conversation time up to 59 minutes 59 seconds.
• Operating voltage: 1.5 VDC ( typical )
• Dice form, QFP 80 pin package, and LCM (Liquid Crystal display Module) are available.

APPLICATION
• LCD Feature phone and Digital display system.




Similar Part No. - EM32117

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM32100 EMC-EM32100 Datasheet
325Kb / 13P
8/10 DIGIT LCD DRIVER
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com