Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73962A Datasheet (PDF) - ELAN Microelectronics Corp

EM73962A Datasheet PDF - ELAN Microelectronics Corp
Part # EM73962A
Download  EM73962A Download
File Size   321.67 Kbytes
Page   35 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 4-BIT MICROCONTROLLER

EM73962A Datasheet (PDF)

Go To PDF Page Download Datasheet
EM73962A Datasheet PDF - ELAN Microelectronics Corp

Part # EM73962A
Download  EM73962A Click to download

File Size   321.67 Kbytes
Page   35 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 4-BIT MICROCONTROLLER

EM73962A Datasheet (HTML) - ELAN Microelectronics Corp


EM73962A Product details

GENERAL DESCRIPTION
EM73962A is an advanced single chip CMOS 4-bit micro-controller. It contains 16K-byte ROM, 372-nibble RAM, 4-bit ALU, 13-level subroutine nesting, 22-stage time base, two 12-bit timer/counters for the kernal function. EM73962A also contains 5 interrupt sources, 3 I/O ports (including 1 input port and 2 bidirection ports), LCD display (40x8), built-in sound generator.
Except low-power consumption and high speed, EM73962A also have a sleep mode for power saving function. EM73962A is suitable for appliaction in many fields, for example : family appliance, consumer products, hand held games and the toy controller ... etc.

FEATURES
• Operation voltage : 2.4V to 5.0V.
• Clock source : Single clock system using RC. oscillator.
                          External clock and internal clock is available by mask option.
• Oscillation frequency : 480K, 1M, 2M and 4M Hz is available by mask option.
• Instruction set : 107 powerful instructions.
• Instruction cycle time : Up to 2us for 4 MHz.
• ROM capacity : 16384 X 8 bits.
• RAM capacity : 372 X 4 bits.
• Input port : 1 port (P0.0-P0.3) and sleep/hold releasing function are available by mask option. (each input pin is pull-up and pull-down resistor available by mask option).
• Bidirection port : 1 port (P8). P8(0..3) and sleep/hold releasing function are available by mask option.
• 12-bit timer/counter : Two 12-bit timer/counters are programmable for timer, event counter and pulse width measurement.
• Built-in time base counter : 22 stages.
• Subroutine nesting : Up to 13 levels.
• Interrupt : External . . . . . 2 input interrupt sources.
                   Internal . . . . . . 2 Timer overflow interrupts.
                                            1 Time base interrupt.
• LCD driver : 40 X 8 dots, 1/8 duty, LCD bias is 1/4 and 1/5 available by mask option, LCD bias resistor is 20K X 5 and 10K X 5 available by mask option.
• Sound effect : Tone generator, random generator and volume control.
• Power saving function: Sleep mode and Hold mode.
• Package type : EM73962AH Chip form 62 pins.




Similar Part No. - EM73962A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73963A EMC-EM73963A Datasheet
420Kb / 38P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Similar Description - EM73962A

ManufacturerPart #DatasheetDescription
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
4-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
4-BIT MICROCONTROLLER
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
4-Bit Microcontroller
September 8, 1999
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
4 Bit Microcontroller
logo
Winbond
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
4-BIT MICROCONTROLLER
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
4-BIT MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com